Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POC-S195-P1-CE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # POC-S195-P1-CE
Description  19 Slim Point-of-Care Terminal with IP54 Standard Compliance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-S195-P1-CE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  POC-S195-P1-CE Datasheet HTML 1Page - Advantech Co., Ltd. POC-S195-P1-CE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44
All products specifications are subject to change without notice.
Features
Specifications
Computing System
Chipset
Intel 855GME GMCH/ ICH4 Chipset
CPU
Intel Pentium M processor ULV 1.4 GHz / Celeron M processor 1.0 GHz
Front Side Bus
400 MHz
Memory
2 x 184-pin DIMM sockets, supports up to 2 GB DDR 200/266/333 SDRAM
Graphics
Controller
Intel 855GME integrated
VRAM
Dynamically shared system memory up to 64 MB
Expansion Slot
Mini PCI
1 x Mini PCI slot, supports type IIIA Mini PCI
Storage
HDD
1 x 2.5" IDE
CompactFlash
1 x Type I/II
Ethernet
Interface
1 x 10/100 Mbps Ethernet interface (RJ-45)
I/O Ports
1 x RS-232 and 1 x RS-232/422/485 (isolated) serial port; 2 x USB ports; 1 x PS/2 mouse and K/B;
1 x D-sub VGA port
Speakers
2 x 1 W speakers; 1 x MIC-in and Speaker-out
Display
Display type
19" TFT LCD
Max. Resolution
1280 x 1024
Max. Colors
16.7M
Dot size (mm)
0.294 x 0.294
Viewing angle
178°/178°
Luminance
300 cd/m2
Contrast ratio
1300 : 1
LCD MTBF
50,000 hours
Backlight lifetime
50,000 hours
Power Supply
Universal AC/DC adapter (Sinpro Model no. MPU100-108)
Input voltage
100 ~ 240 VAC, 47 ~ 63 Hz, 1.25 ~ 0.5 A
Output voltage
+24 VDC, 4.16 A max. (100 watts)
Optional Touchscreen
Type
Analog Resistive
Light transmission
75%
Controller
RS-232 interface (use COM4)
Durability
30 million touches
Environment
Temperature
0 ~ 35° C (Operating)
Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock Resistance
20G peak acceleration (11ms duration)
Water/dust Resistance
IP54 for whole system, IP65 for front bezel
Physical Characteristics
Dimensions (W x H x D)
472 x 416 x 111 mm (18.58" x 16.38" x 4.37")
Weight
10 kg (22.05 lb)
19" LCD display with 16.7 M colors
Certified IP54 dust and water-splash proof enclosure with additional IP65
dust-tight front panel
Fanless design with low audible noise
Isolation design provides unique electric leakage protection for COM ports
and LAN ports
UL60601-1/EN60601-1, CE & FCC Class B certified
Optional 802.11a/b/g WLAN module and touchscreen
19" Slim Point-of-Care Terminal
with IP54 Standard Compliance
POC-S195


Similar Part No. - POC-S195-P1-CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S196 ADVANTECH-POC-S196 Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-120-AE ADVANTECH-POC-S196-120-AE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-120-ATE ADVANTECH-POC-S196-120-ATE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-166-AE ADVANTECH-POC-S196-166-AE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-166-ATE ADVANTECH-POC-S196-166-ATE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
More results

Similar Description - POC-S195-P1-CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S198-25F-ATE ADVANTECH-POC-S198-25F-ATE Datasheet
862Kb / 2P
   19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S198-WF0E ADVANTECH-POC-S198-WF0E Datasheet
716Kb / 2P
   19 Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S198 ADVANTECH-POC-S198 Datasheet
716Kb / 2P
   19' Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S199 ADVANTECH-POC-S199 Datasheet
594Kb / 2P
   19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
5-Jul-2019
POC-S197-12F-ATE ADVANTECH-POC-S197-12F-ATE Datasheet
935Kb / 2P
   19" Slim Point-of-Care Terminal with True Flat Panel
POC-S196 ADVANTECH-POC-S196 Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S177-120-ATE ADVANTECH-POC-S177-120-ATE Datasheet
513Kb / 2P
   Slim Point of Care Terminal with GS45 platform
POC-S157-120-ATE ADVANTECH-POC-S157-120-ATE Datasheet
694Kb / 2P
   Slim Point-of-Care Terminal with 15" TFT LCD
POC-W211IP54 ADVANTECH-POC-W211IP54 Datasheet
1Mb / 2P
   21.5 Widescreen Fanless Point-of-Care Terminal with IP54 Enclosure
20Aug-2014
POC-S175 ADVANTECH-POC-S175 Datasheet
449Kb / 2P
   Slim Point-of-Care Terminal with 17 TFT LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com