Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POC-125-060-AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-125-060-AE
Description  12 Point-of-Care Terminal with Fanless Design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-125-060-AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-125-060-AE Datasheet HTML 1Page - Advantech Co., Ltd. POC-125-060-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
41
Unit: mm
Mounting
Dimensions
Unit: mm
VESA: 75 x 75 mm
POC-125
Ordering Information
Part Number
Touch Panel CPU
HDD 24 x 7 RAM
POC-125-060-AE
-
Intel Celeron M 600 MHz -
-
POC-125-060-ATE Res.TS
Intel Celeron M 600 MHz -
-
POC-125-100-AE
-
Intel Celeron M 1 GHz
-
-
POC-125-100-ATE Res.TS
Intel Celeron M 1 GHz
-
-
POC-125-CTE
Res.TS
Intel Celeron M 600 MHz 80 G IDE
1 GB
Package List
92
348
75
Accessories
Part Number
Description
POC-153 STAND Stand for POC-154/POC-155/POC-125
1702002600
Power Cable (USA) 1.83M
1702002605
Power Cable (Europe) 1.8M
*
802.11b/g wireless LAN mini-PCI module & external antenna
* This accessory goes with the T Part Number. Please contact Advantech sales for more
details.
Packing List
Part Description
Quantity
CABLE 6P-6P-6P PS/2 KB & MOUSE 20 cm
1
AC 50W SPS MPU50-108 W/PFC 100-240V
1
HDD Frame PPC-V106 for 2.5" HDD
1
CD-ROM for POC-125 Driver & Utility
1
Advantech 2-year warranty card
1
1394
LAN
USB x4
COM2
Audio x3
VGA
COM1
PS/2


Similar Part No. - POC-125-060-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-127 ADVANTECH-POC-127 Datasheet
294Kb / 2P
   12.1' Point of Care Terminal with Intel Atom Processor
POC-127-166-ATE ADVANTECH-POC-127-166-ATE Datasheet
294Kb / 2P
   12.1' Point of Care Terminal with Intel Atom Processor
POC-127-BA0E ADVANTECH-POC-127-BA0E Datasheet
294Kb / 2P
   12.1' Point of Care Terminal with Intel Atom Processor
POC-127-BT0E ADVANTECH-POC-127-BT0E Datasheet
294Kb / 2P
   12.1' Point of Care Terminal with Intel Atom Processor
POC-127-RF0E ADVANTECH-POC-127-RF0E Datasheet
294Kb / 2P
   12.1' Point of Care Terminal with Intel Atom Processor
More results

Similar Description - POC-125-060-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-W212-A11D-ACE ADVANTECH-POC-W212-A11D-ACE Datasheet
538Kb / 2P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212IP54 ADVANTECH-POC-W212IP54 Datasheet
649Kb / 2P
   21.5' Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W211-A01D-ATE ADVANTECH-POC-W211-A01D-ATE Datasheet
634Kb / 2P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212C ADVANTECH-POC-W212C Datasheet
484Kb / 2P
   21.5 Widescreen Point-of-Care Terminal with Fanless and Slim Design
9-Dec-2016
POC-WP213 ADVANTECH-POC-WP213 Datasheet
1Mb / 4P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
10-Sep-2021
POC-W213-IP54 ADVANTECH-POC-W213-IP54 Datasheet
1Mb / 4P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
10-Sep-2021
POC-W181-A01D-ATE ADVANTECH-POC-W181-A01D-ATE Datasheet
740Kb / 2P
   18.5" Widescreen Point-of-Care Terminal with Intel짰 Core??i7 Processor and Fanless Design
POC-W211IP54 ADVANTECH-POC-W211IP54 Datasheet
1Mb / 2P
   21.5 Widescreen Fanless Point-of-Care Terminal with IP54 Enclosure
20Aug-2014
POC-W152-WF0E ADVANTECH-POC-W152-WF0E Datasheet
536Kb / 2P
   15.6 Widescreen Point-of-Care Terminal
POC-W152-BT0E ADVANTECH-POC-W152-BT0E Datasheet
536Kb / 2P
   15.6 Widescreen Point-of-Care Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com