Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIT-1702 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PIT-1702
Description  Patient Infotainment Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PIT-1702 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PIT-1702 Datasheet HTML 1Page - Advantech Co., Ltd. PIT-1702 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
All products specifications are subject to change without notice.
Features
RoHS
COMPLIANT
2002/95/EC
Intel® Celeron® M ULV 1.06 GHz/Core 2 Duo 1.06 GHz
Fanless
17" TFT-LCD with touchscreen
Built-in 1.3 megapixel CMOS camera
Built-in Mic, speaker & head-set support
Equipped with RFID/WiFi/Smart Card Reader
Built-in emergency key & 2 x indicators
Multiple input supports: RJ-45, USB x 2
Windows XP Embedded architecture
EN60601-1 certification approved
Rich options
*TV tuner (analog & DVBT)
*Handset
*Wired remote controller (6 keys)
Notes:*optional items
PIT-1702
Patient Infotainment Terminal
Introduction
The PIT-1702, a 17" multi-function terminal with touchscreen, WiFi, RFID, handset, smart card reader, and 1.3 megapixel CMOS camera, is a standard product of Advantech which targets
the patient terminal and healthcare market. A built-in Intel Celeron M 1.06 GHz processor and Microsoft Windows XPE Embedded software provides patients with various entertainment
programs such as TV, movies or computer games. The 1.3 megapixel camera, WiFi and Ethernet (RJ-45) connectivity provides video phone service to help patients communicate
with their families by internet. Identification recognition for both hospital staff and patients is possible with the RFID and smart card reader. Added flexibility is provided through I/O
interfaces such as USB ports, an earphone and a microphone jack. Additionally, an LED light indicator and nurse call button help alert hospital staff to important incidents.
Specifications
Hardware
CPU
Intel Celeron M ULV 1.06 GHz /Core 2 Duo 1.06 GHz
Front Side Bus
Supports FSB 533/667MHz
System Chipset
Intel 945GME
Memory
1 GB DDRII DRAM
Storage
HDD: 2.5" SATA 80G
Camera
1.3 megapixel CMOS camera
Bus Expansion
mini-PCI slot x 1 (for WLAN)
Display
Size
17" TFT color LCD
Max Resolution
1280 x 1024
Viewing Angle
178/178
Luminance
300 cd/m2
Contrast Ratio
800:1
Touchscreen
Type
Analog Resistive
Light Transmission
75%
Controller
USB interface
Durability
30 million touches
I/O Ports
USB Port
3
Smart Card Rearder
1
Line out
1
Microphone in
1
Audio
Speaker
1W x 2
Microphone
1
Network
LAN
10/100 Mbps Ethernet (RJ-45) x 1
WLAN
802.11 b/g wireless LAN
Emergency Alarm
Hotkey
1
LED Light Indicator
2
Bus Expansion
mini-PCI slot
1 (for WLAN)
Software
Operating System
Embedded XP
Mechanical
Mounting
VESA 75/100 mm
Dimensions ( W x H x D)
448 x 393 x 73.5 mm (17.64" x 8.31" x 2.89")
Weight
6.8 kg (14.99 lbs.) / 7.0 kg (15.43 lbs.) with handset


Similar Part No. - PIT-1702

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PIT-1702-CST0E ADVANTECH-PIT-1702-CST0E Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-HSKE ADVANTECH-PIT-1702-HSKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-HSKE ADVANTECH-PIT-1702-HSKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-RCKE ADVANTECH-PIT-1702-RCKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-UST0E ADVANTECH-PIT-1702-UST0E Datasheet
664Kb / 2P
   Patient Infotainment Terminal
More results

Similar Description - PIT-1702

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PIT-1702-HSKE ADVANTECH-PIT-1702-HSKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-RCKE ADVANTECH-PIT-1702-RCKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1501W-RCKE ADVANTECH-PIT-1501W-RCKE Datasheet
572Kb / 2P
   Patient Infotainment Terminal
PIT-1501W-HSKE ADVANTECH-PIT-1501W-HSKE Datasheet
572Kb / 2P
   Patient Infotainment Terminal
PIT-1502W ADVANTECH-PIT-1502W Datasheet
968Kb / 2P
   15.6' Patient Infotainment Terminal with Intel Atom D510 Processors
logo
AVAGO TECHNOLOGIES LIMI...
ACNT-H61L AVAGO-ACNT-H61L Datasheet
116Kb / 2P
   Medical imaging and patient monitoring
logo
Advantech Co., Ltd.
RTLS-B7-TAG ADVANTECH-RTLS-B7-TAG Datasheet
264Kb / 1P
   RTLS tag for patient/staff locating
19-May-2022
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
   Electronics Meets the Challenges of Patient Monitors
logo
Advantech Co., Ltd.
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121-HSKE ADVANTECH-HIT-W121-HSKE Datasheet
943Kb / 2P
   11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com