Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-10137-3 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-10137-3
Description  25 kS/s, 12-bit, 32-ch SE Isolated Analog Input ISA Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-10137-3 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-10137-3 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
www.advantech.com/products
Online Download
Specifications
Analog Input
Channels
32 single-ended
Resolution
12 bits,
Max. Sampling Rate
25 kHz
Overvoltage Protection Continuous ±30 V (max.)
Isolation Protection
500 VDC from analog input to PC
Input Impedance
> 10 M
Sampling Modes
software trigger
Input Range
(V)
Unipolar (jumper selection)
0 ~ 10
0 ~ 5
0 ~ 2.5
0 ~ 1.25
Bipolar (software selection)
±5
±2.5
±1.25
±0.625
Accuracy (% of FSR ±1LSB)
0.01
0.01
0.01
0.01
Accuracy
0.01% of reading ±1 LSB
General
Bus Type
ISA
I/O Connectors
1 x DB37-F
Dimensions (L x H)
219 x 100 mm (8.6" x 3.9")
Power Consumption
+5 V @ 660 mA max.
+12 V @ 140 mA max.
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storing Temperature
-20 ~ 65° C (-4 ~ 149° F)
Storing Humidity
5 ~ 95% RH non-condensing (refer to IEC 68-2-3)
PCL-813B
25 kS/s, 12-bit, 32-ch SE Isolated
Analog Input ISA Card
32 single-ended analog input channels
12-bit A/D converter, with up to 100 kHz sampling rate
Isolation protection (500 VDC)
Program-controlled A/D trigger and data transfer
Ordering Information
PCL-813B
32-ch. isolated analog input card, PCLD-881B wiring
terminal board, DB-37 cable assembly, manual and
driver CD-ROM.
PCLD-881B
Industrial terminal board for PCI-1713 & PCL-813B
PCL-10137-1
DB37 cable assembly, 1 m
PCL-10137-2
DB37 cable assembly, 2 m
PCL-10137-3
DB37 cable assembly, 3 m
ADAM-3937
DB37 wiring terminal for DIN-rail mounting
Typical application for PCL-813B:
Introduction
PCL-813B is a 12-bit 32-channel analog input card that offers high-voltage isolation on each analog input. It is an extremely cost effective solution for applications in industrial
measurement and monitoring. The card offers 32 analog input channels with software programmable gain on each channel and two DC-to-DC converters on a 4-layer PCB with an
integral ground plane. Optically-isolated inputs provide over 500 VDC of isolation between the analog inputs and the PC, protecting the PC and peripherals from damage due to high
voltages on the input lines. PCL-813B is ideal for situations where the budget-conscious user requires flexibility, stability and a high level of isolation protection. PCL-813B comes
with the PCLD-881 wiring terminal board and a DB-37 cable assembly.
Industrial 4 ~ 20 mA Output Device Monitoring


Similar Part No. - PCL-10137-3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10137-3 ADVANTECH-PCL-10137-3 Datasheet
535Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCL-10137-3 ADVANTECH-PCL-10137-3 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
PCL-10137-3 ADVANTECH-PCL-10137-3 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-10137-3 ADVANTECH-PCL-10137-3 Datasheet
535Kb / 1P
   Amplifier and Multiplexer Board
PCL-10137-3 ADVANTECH-PCL-10137-3 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
More results

Similar Description - PCL-10137-3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1715U ADVANTECH-PCI-1715U Datasheet
563Kb / 1P
   500 kS/s, 12-bit, 32-ch Isolated Analog 500 kS/s, 12-bit, 32-ch Isolated Analog
PCL-711S ADVANTECH-PCL-711S Datasheet
105Kb / 1P
   40 kS/s, 12-bit, 8-ch SE Input ISA Multifunction Card
PCI-1713 ADVANTECH-PCI-1713 Datasheet
555Kb / 1P
   100 kS/s, 12-bit, 32-ch Isolated Analog Input PCI Card
PCI-1713U ADVANTECH-PCI-1713U_15 Datasheet
229Kb / 1P
   100 kS/s, 12-bit, 32-ch Isolated Analog Input Universal PCI Card
PCL-711B_DS ADVANTECH-PCL-711B_DS Datasheet
164Kb / 1P
   40 kS/s, 12-bit, 8-ch ISA Multifunction Card
PCL-812PG ADVANTECH-PCL-812PG Datasheet
543Kb / 1P
   30 kS/s, 12-bit, 16-ch ISA Multifunction Card
PCL-711B ADVANTECH-PCL-711B Datasheet
534Kb / 1P
   40 kS/s, 12-bit, 8-ch ISA Multifunction Card
PCL-818HD ADVANTECH-PCL-818HD Datasheet
589Kb / 2P
   100 kS/s, 12-bit, 16-ch ISA Multifunction Card
PCL-727 ADVANTECH-PCL-727 Datasheet
535Kb / 1P
   12-bit, 12-ch Analog Output ISA Card with 32-ch Digital I/O
PCL-728 ADVANTECH-PCL-728 Datasheet
539Kb / 1P
   12-bit, 6-ch Analog Output ISA Card with 32-ch Digital I/O
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com