Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIM-0KM3ASF Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MIM-0KM3ASF
Description  INFRARED RECEIVER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-0KM3ASF Datasheet(HTML) 3 Page - Unity Opto Technology

  MIM-0KM3ASF Datasheet HTML 1Page - Unity Opto Technology MIM-0KM3ASF Datasheet HTML 2Page - Unity Opto Technology MIM-0KM3ASF Datasheet HTML 3Page - Unity Opto Technology MIM-0KM3ASF Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIM-0KM3ASF
C . Pulse Width Test
Application Circuit
CHARACTERISTIC CURVES (T
A=25℃
℃)
NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies
the standard under the conditions below against the standerd transmitter.
(1)Measuring place ………Indoor without extreme reflection of light.
(2)Ambient light source… Detecting surface illumination shall be 200±50Lux under ordinary
hite fluorescense lamp of no high frequency lighting.
(3)Standard transmitter … Burst wave indicated in Fig 1. of standard transmitter
shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2.
02/06/2001
Unity Opto Technology Co., Ltd.
SUPPLY VOLTAGE vs. SUPPLY CURRENT
2.2
2.8
2.7
2.6
2.4
2.0
2
3
4
5
6
7
8
Supply Voltage Vcc (V)
INPUT LEVEL vs.OUTPUT PULSE WIDTH
Input Level VIN (mVP-P)
400
500
600
700
800
900
0.1
1
10
100
1000
Burst length * 600
µs, cycle = 1.2ms
tpw: Average value of output from start
of signal input to 60th pulse
Input Level (mVp-p)
600
µs
Transmitter output
DUT output pulse
600
µs
V0l
V0h
Twl
Twh
MIE-544A2
MIM-0KM3ASF
2
1
3
102P
Decoder
GND
Vcc **)
*) only necessary to supress power supply disturbances.
**) tolerated supply voltage range : 2.4V < Vcc < 5.8V
C


Similar Part No. - MIM-0KM3ASF

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-0KM1AKF UOT-MIM-0KM1AKF Datasheet
64Kb / 4P
   INFRARED RECEIVER MODULE
MIM-0KM1AKL UOT-MIM-0KM1AKL Datasheet
53Kb / 4P
   INFRARED RECEIVER MODULE
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
   INFRARED RECEIVER MODULE
MIM-0KM2AKL UOT-MIM-0KM2AKL Datasheet
60Kb / 4P
   INFRARED RECEIVER MODULE
MIM-0KM2ASF UOT-MIM-0KM2ASF Datasheet
63Kb / 4P
   INFRARED RECEIVER MODULE
More results

Similar Description - MIM-0KM3ASF

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
   Infrared Receiver Module
logo
Unity Opto Technology
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
   INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
   INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
EAIRMCA1 EVERLIGHT-EAIRMCA1 Datasheet
472Kb / 8P
   Infrared Receiver Module
EAIRMDA1 EVERLIGHT-EAIRMDA1 Datasheet
416Kb / 8P
   Infrared Receiver Module
EAIRMGA0 EVERLIGHT-EAIRMGA0 Datasheet
634Kb / 11P
   Infrared Receiver Module
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
   Infrared Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com