Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM7N60CIC0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7N60CIC0
Description  600V N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7N60CIC0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM7N60CIC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7N60CIC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7N60CIC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7N60CIC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7N60CIC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM7N60CIC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM7N60CIC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
TSM7N60
600V N-Channel Power MOSFET
1/7
Version: Preliminary
ITO-220
TO-220
General Description
The TSM7N60 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply, power factor correction, electronic lamp ballast based on half
bridge.
Features
Low RDS(ON) 1.2Ω (Max.)
Low gate charge typical @ 28nC (Typ.)
Low Crss typical @ 12pF (Typ.)
Fast Switching
Ordering Information
Part No.
Package
Packing
TSM7N60CZ C0
TO-220
50pcs / Tube
TSM7N60CI C0
ITO-220
50pcs / Tube
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Ta = 25ºC
7
A
Continuous Drain Current
Ta = 100ºC
ID
3.2
A
Pulsed Drain Current *
IDM
28
A
Avalanche Current (Single) (Note 2)
IAS
7
A
Single Pulse Avalanche Energy (Note 2)
EAS
230
mJ
Avalanche Current (Repetitive) (Note 1)
IAR
7
A
Repetitive Avalanche Energy (Note 1)
EAR
7.5
mJ
Maximum Power Dissipation @Ta = 25
oC
PD
65
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
* Limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (A)
600
1.2 @ VGS =10V
3.5
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM7N60CIC0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N60CIC0 TSC-TSM7N60CIC0 Datasheet
429Kb / 9P
   600V N-Channel Power MOSFET
More results

Similar Description - TSM7N60CIC0

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com