Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1N45CTB0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N45CTB0
Description  450V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N45CTB0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM1N45CTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM1N45CTB0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM1N45
450V N-Channel Power MOSFET
2/8
Version: A09
Electrical Specifications (Ta=25oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
450
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 0.25A
RDS(ON)
--
3.7
4.25
Ω
VDS = VGS, ID = 250uA
2.3
3.0
3.7
Gate Threshold Voltage
VDS = VGS, ID = 250mA
VGS(TH)
3.2
4.0
4.8
V
Zero Gate Voltage Drain Current
VDS = 450V, VGS = 0V
IDSS
--
--
10
uA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
VDS = 50V, ID = 0.25A
gfs
--
0.7
--
S
Dynamic
Total Gate Charge
Qg
--
6.5
10
Gate-Source Charge
Qgs
--
1.3
--
Gate-Drain Charge
VDS = 360V, ID = 0.5A,
VGS = 10V
(Note 4,5)
Qgd
--
3.2
--
nC
Input Capacitance
Ciss
--
235
--
Output Capacitance
Coss
--
29
--
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Crss
--
6.5
--
pF
Switching
Turn-On Delay Time
td(on)
--
14.7
--
Turn-On Rise Time
tr
--
32.8
--
Turn-Off Delay Time
td(off)
--
25.2
--
Turn-Off Fall Time
VGS = 25V, ID = 0.5A,
VDS = 225V, RG = 25Ω
(Note 4,5)
tf
--
23.7
--
nS
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current
IS
--
--
0.5
A
Maximum Pulsed Drain-Source Diode Forward Current
ISM
--
--
4.0
A
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 0.5A
VSD
--
--
1.4
V
Reverse Recovery Time
trr
--
110
--
nS
Reverse Recovery Charge
VGS = 0V, IS = 1A
dIF/dt = 100A/µS
(Note 4)
Qrr
--
0.35
--
µC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=75mH, IAS=1.6A, VDD=50V, RG=25Ω, Starting TJ=25ºC
3. ISD ≤ 0.5A, di/dt ≤ 300A/µS, VDD ≤ BVDSS, Starting TJ=25ºC
4. Pulse test: pulse width ≤ 300uS.
5. Essentially independent of operating temperature
6. a) Reference point of the is the drain RӨJL lead
b) When mounted on 3”x4.5” FR-4 PCB without any pad copper in a still air environment
(RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistance. RӨCA is determined by the
user’s board design)


Similar Part No. - TSM1N45CTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N45CTB0 TSC-TSM1N45CTB0 Datasheet
475Kb / 9P
   450V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM1N45CTB0 VBSEMI-TSM1N45CTB0 Datasheet
970Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - TSM1N45CTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
   450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
   450V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
SSN1N45B FAIRCHILD-SSN1N45B Datasheet
667Kb / 8P
   450V N-Channel MOSFET
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com