www.advantech.com/products
Online Download
Features
RoHS
COMPLIANT
2002/95/EC
Specifications
Isolated Digital Input
Channels
8
Input Voltage
Logic 0: 3 V max.
Logic 1: 5V min. (50V max.).
Interrupt Capable Ch. 8
Isolation Protection
3,750 VDC
Overvoltage Protection 70 VDC
Opto-Isolator Response 25 µs
Input Resistance
5,600
W
Input Current
1.6 mA @ 10 VDC, 8.9 mA @ 50 VDC
Relay Output
Channels
8
Relay Type
SPDT (4 x Form C, and 4 x Form A)
Contact Rating
250 VAC @ 3 A, or 24 VDC @ 3 A
Relay on Time
15 ms max.
Relay off Time
5 ms max.
Life Span
2 x 107 operations
Resistance
Contact:
50 M
W
Insulation:
1 G
W min.
8-ch Relay and 8-ch Isolated Digital
Input PCI Card
General
Bus Type
PCI V2.2
I/O Connectors
1 x DB37 female connector
Dimensions (L x H)
175 x 100 mm (6.9" x 3.9")
Power Consumption
Typical: +5 V @ 220 mA
Max.: +5 V @ 750 mA
Operating Temperature 0 ~ 60° C (32 ~ 140° F) (IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Humidity
5 ~ 95 % RH, non-condensing (IEC 68-2-3)
Ordering Information
PCI-1761
8-ch Relay/Isolated Digital Input PCI Card
PCL-10137-1
DB37 Cable, 1 m
PCL-10137-2
DB37 Cable, 2 m
PCL-10137-3
DB37 Cable, 3 m
ADAM-3937
DB37 DIN-rail Wiring Board
PCLD-880
Wiring Board w/ Two 20-pin Flat Cables & Adapter
ISA-Compatible with PCL-725
8 relay output channels and 8 isolated digital input channels
LED indicators to show activated relays
4 Form C and 4 Form A type relay output channels
Male DB37 matching connector included
Output status readback
Retained relay output values when hot system reset
High-voltage isolation on input channels (3,750 VDC)
High ESD protection (2,000 VDC)
High over-voltage protection (70 VDC)
Wide input range (10 ~ 50 VDC)
Interrupt handling capability
BoardID™ switch
PCI-1761
Introduction
The PCI-1761 relay actuator and isolated DI card is an add-on card for the PCI bus. It provides 8 optically-isolated digital inputs with isolation protection of 3,750 VDC for collecting
digital inputs in noisy environments and 8 relay actuators for serving as on/off control devices or small power switches. For easy monitoring, each relay is equipped with one red LED
to show its on/off status. The PCI-1761’s eight optically-isolated digital input channels are ideal for digital input in noisy environments or with floating potentials.
The PCI-1761 digital input channels feature a rugged isolation protection for industrial, lab and machinery automation applications. It durably withstands voltage up to 3,750 VDC,
protecting your host system from any incidental harms. If connected to an external input source with surge-protection, the PCI-1761 can offer up to a maximum of 2,000 VDC ESD
(Electrostatic Discharge) protection. Even with an input voltage rising up to 70 VDC, the PCI-1761 can still manage to work properly, albeit for only a short period of time.