Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-4110BWG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # XPS-4110BWG
Description  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4110BWG Datasheet(HTML) 4 Page - Optoway Technology Inc

  XPS-4110BWG Datasheet HTML 1Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 2Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 3Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 4Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 5Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 6Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 7Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 8Page - Optoway Technology Inc XPS-4110BWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Optoway
XPS-4110WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
4
Management Interface
The structure of the memory map is shown in Figure 1, which is accessible over a 2-wire serial interface at the 8-bit
address 1010000X (A0h). The normal 256 byte I2C address space is divided into low and upper blocks of 128 Bytes. The
lower block of 128 Bytes is always directly available and is used for the diagnostics and control function. Multiple blocks of
memories are available in the upper 128 Bytes of the address space. These are individually addressed through a table select
Byte which the user enters into a location in the lower address space. Thus, there is a total available address space of 128*256
= 32 Kbytes in this upper memory space. The contents of Table 01h are listed in Table 1 below. Please refer SFF INF-8077i
(Revision 4.5) for detailed information.
Figure 1. 2-wire Serial Digital Diagnostic Memory Map
Table 1 Monitoring Specification
Data Address
Parameter
Accuracy
96 ~ 97
Temperature
± 3oC
98 ~ 99
Reserved
100 ~ 101
Tx Bias
± 10%
102 ~ 103
Tx Power
± 2dB
104 ~ 105
Rx Power
± 2dB
106 ~ 107
Vcc3
± 3%


Similar Part No. - XPS-4110BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4102AWG OPTOWAY-XPS-4102AWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102BWG OPTOWAY-XPS-4102BWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120AWG OPTOWAY-XPS-4120AWG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120BWG OPTOWAY-XPS-4120BWG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4110BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4140WG OPTOWAY-XPS-4140WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120WG OPTOWAY-XPS-4120WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPM-4100WG OPTOWAY-XPM-4100WG Datasheet
239Kb / 9P
   8.5Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4310W-CXX0G OPTOWAY-XPS-4310W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4340W-CXX0G OPTOWAY-XPS-4340W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com