Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-10137-1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-10137-1
Description  8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-10137-1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-10137-1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Acquisition Boards
Features
RoHS
COMPLIANT
2002/95/EC
Specifications
Isolated Digital Input
Channels
8 (Sink)
Input Voltage
Logic 0: 1.0 V max.
Logic 1: 4.5 V min. (12 V max.)
Interrupt Capable Ch. 8 (IDI0 ~ IDI7)
Isolation Protection
2,500 VDC
Opto-Isolator Response 25 µs
Input Resistance
2 k
W 1/4 W
Counter/Timer
Channels
8
Resolution
16 bits
Compatibility
5 V/TTL
Max. Input Frequency 500 Hz
Isolation Protection
2,500 VDC
PWM Channels
2
Digital Noise Filter
Min. effective high input period
≥ [(2 ~ 65535) x 5 ms]
+ 5 ms
Min. effective low input period
≥ [(2 ~ 65535) x 5 ms]
+ 5 ms
Relay Output
Channels
8
Relay Type
2 x Form C, and 6 x Form A
Contact Rating
120 VDC @ 0.5 A, or 30 VDC @ 1 A
Relay on Time
5 ms max.
Relay off Time
5 ms max.
Life Span
200,000 operations @ 0.5 A 120 VAC
500,000 operations @ 1.0 A 30 VDC
Resistance
Contact: < 100 m
W
Insulation: 50 M
W
Introduction
PCI-1760U relay actuator and isolated digital input card is a PC add-on card for the PCI bus. It meets the PCI standard Rev. 2.2 (Universal PCI expansion card), and works with both
3.3 V and 5 V PCI slots. It provides 8 opto-isolated digital inputs with isolation protection of 2,500 VDC for collecting digital inputs in noisy environments, 8 relay actuators that can
be used as a on/off control devices or small power switches, and 2 isolated PWM (Pulse Width Modulation) outputs for custom applications.
For easy monitoring, each relay is equipped with one red LED to show its on/off status. Each isolated input supports both dry contact and wet contact so that it can easily interface
with other devices when no voltage is present in the external circuit.
PCI-1760U
Universal PCI card, for 3.3 V and 5 V PCI slot
8 opto-isolated digital input channels
8 relay actuator output channels
2 opto-isolated PWM outputs
LED indicators to show activated relays
Jumper selectable dry contact/wet contact input signals
Up event counters for DI
Programmable digital filter function for DI
Pattern match interrupt function for DI
"Change of state" interrupt function for DI
Universal PCI and BoardID switch
8-ch Relay and 8-ch Isolated Digital Input
Universal PCI Card with 10-ch Counter/Timer
General
Bus Type
Universal PCI V2.2
I/O Connectors
1 x DB37 female connector
Dimensions (L x H)
175 x 100 mm (6.9" x 3.9")
Power Consumption
Typical: +5 V @ 450 mA
Max: +5 V @ 850 mA
Operating Temperature 0 ~ 60° C (32 ~ 140° F) (IEC 68 - 2 - 1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Humidity
5 ~ 95 % RH, non-condensing (IEC 68-2-3)
Ordering Information
PCI-1760U
8-ch Relay/IDI PCI Card w/ 10-ch Counter/Timer
PCL-10137-1
DB37 Cable, 1 m
PCL-10137-2
DB37 Cable, 2 m
PCL-10137-3
DB37 Cable, 3 m
ADAM-3937
DB37 DIN-rail Wiring Board


Similar Part No. - PCL-10137-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
535Kb / 1P
   Amplifier and Multiplexer Board
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
233Kb / 2P
   Industrial Wiring Terminal Board With CJC Circuit
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
535Kb / 1P
   12-bit, 12-ch Analog Output ISA Card with 32-ch Digital I/O
More results

Similar Description - PCL-10137-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
   8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
PCI-1780U ADVANTECH-PCI-1780U Datasheet
536Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input USB Module
PCI-1784U ADVANTECH-PCI-1784U_15 Datasheet
175Kb / 1P
   4-ch, 32-bit Encoder Counter Universal PCI Card with 8-ch Isolated Digital I/O
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com