Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPB-4940LWG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # XPB-4940LWG
Description  1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPB-4940LWG Datasheet(HTML) 4 Page - Optoway Technology Inc

  XPB-4940LWG Datasheet HTML 1Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 2Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 3Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 4Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 5Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 6Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 7Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 8Page - Optoway Technology Inc XPB-4940LWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Optoway
XPB-4940LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
2008/11/1
V1.0
4
Management Interface
The structure of the memory map is shown in Figure 1, which is accessible over a 2-wire serial interface at the 8-bit
address 1010000X (A0h). The normal 256 byte I2C address space is divided into low and upper blocks of 128 Bytes. The
lower block of 128 Bytes is always directly available and is used for the diagnostics and control function. Multiple blocks of
memories are available in the upper 128 Bytes of the address space. These are individually addressed through a table select
Byte which the user enters into a location in the lower address space. Thus, there is a total available address space of 128*256
= 32 Kbytes in this upper memory space. The contents of Table 01h are listed in Table 1 below. Please refer SFF INF-8077i
(Revision 4.5) for detailed information.
Figure 1. 2-wire Serial Digital Diagnostic Memory Map
Table 1 Monitoring Specification
Data Address
Parameter
Accuracy
96 ~ 97
Temperature
± 3oC
98 ~ 99
Reserved
100 ~ 101
Tx Bias
± 10%
102 ~ 103
Tx Power
± 2dB
104 ~ 105
Rx Power
± 2dB
106 ~ 107
Vcc3
± 3%


Similar Part No. - XPB-4940LWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPB-4910BLWG OPTOWAY-XPB-4910BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4910LWG OPTOWAY-XPB-4910LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920BLWG OPTOWAY-XPB-4920BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results

Similar Description - XPB-4940LWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPB-4810LWG OPTOWAY-XPB-4810LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4840LWG OPTOWAY-XPB-4840LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4910LWG OPTOWAY-XPB-4910LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820LWG OPTOWAY-XPB-4820LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2840LWG OPTOWAY-XPB-2840LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2920LWG OPTOWAY-XPB-2920LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2940LWG OPTOWAY-XPB-2940LWG_09 Datasheet
241Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2810LWG OPTOWAY-XPB-2810LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2910LWG OPTOWAY-XPB-2910LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com