Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPB-4840BLWG Datasheet(PDF) 8 Page - Optoway Technology Inc

Part # XPB-4840BLWG
Description  1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPB-4840BLWG Datasheet(HTML) 8 Page - Optoway Technology Inc

  XPB-4840BLWG Datasheet HTML 1Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 2Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 3Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 4Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 5Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 6Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 7Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 8Page - Optoway Technology Inc XPB-4840BLWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Optoway
XPB-4840LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
2008/11/1
V1.0
8
Table 2 Serial ID Memory Contents (Table 01h)
Address
Field
Size
(Byte)
Name of Filed
Description
Hex
128
1
Identifier
XFP
06
129
1
Ext. Identifier
power consumption < 2 W, no Ref Clock
required
50
130
1
Connector type
LC connector
07
131~138
8
Transceiver
8G FC 800-SM-LL-L
00 00 00 00 00 00 00 00
139
1
Encoding
8B10B, NRZ
50
140
1
BR-Min
1.063 Gbps
0A
141
1
BR-Max
8.5 Gbps
55
142
1
length (SMF)-Km
40 Km
28
143
1
Length (E-50µm)
0 m
00
144
1
Length (50 µm)
0 m
00
145
1
Length (62.5 µm)
0 m
00
146
1
Length (Copper)
0 m
00
147
1
Device Tech
Uncooled 1270DFB, PIN detector
40
148~163
16
Vendor name
OPTOWAY
4F 50 54 4F 57 41 59 20
20 20 20 20 20 20 20 20
164
1
CDR Support
CDR supports 8.5 ~ 1.063G, XFI Loopback
01
165~167
3
Vendor OUI
00 0E FA
XPB-4840LWG
58 50 42 2D 34 38 34 30
4C 57 47 20 20 20 20 20
168~183
16
Vendor PN
XPB-4840BLWG
58 50 42 2D 34 38 34 30
42 4C 57 47 20 20 20 20
184~185
2
Vendor rev
ASCII (“31 61” means 1a revision)
xx xx
186~187
2
Wavelength
1270 nm
66 26
188~189
2
Wavelength
Tolerance
+/- 10 nm
25 1C
70deg (for XPB-4810LWG)
46
190
1
Max Case Temp
85deg (for XPB-4810BLWG)
55
191
1
CC_BASE
Check sum of Byte 128 -- 190
192~195
4
Power Supply
2Wmax, 1.5W pd_max , 550mA 3.3V
64 96 06 00
196~211
16
Vendor SN
ASCII
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
212~219
8
Date code
ASCII Year (2 Byte), Month (2 Byte), Day (2
Byte)
xx xx xx xx xx xx 20 20
220
1
Diagnostic
Monitoring Type
No BER Support, Average Power
08
221
1
Enhanced Options
Optional Soft TX_DISABLE implemented,
Optional Soft P_down implemented
60
222
1
Aux Monitoring
AUX1 for Vcc3.
70
223
1
CC_EXT
Check sum of Byte 192 -- 222
224~255
32
Vendor Specific
Reserved
Note: Specifications subject to change without notice.


Similar Part No. - XPB-4840BLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPB-4810BLWG OPTOWAY-XPB-4810BLWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4810LWG OPTOWAY-XPB-4810LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820BLWG OPTOWAY-XPB-4820BLWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820LWG OPTOWAY-XPB-4820LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results

Similar Description - XPB-4840BLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPB-4810LWG OPTOWAY-XPB-4810LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4910LWG OPTOWAY-XPB-4910LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820LWG OPTOWAY-XPB-4820LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2840LWG OPTOWAY-XPB-2840LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2920LWG OPTOWAY-XPB-2920LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2940LWG OPTOWAY-XPB-2940LWG_09 Datasheet
241Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2810LWG OPTOWAY-XPB-2810LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2910LWG OPTOWAY-XPB-2910LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com