Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-52160-CXX0G Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # TRS-52160-CXX0G
Description  CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-52160-CXX0G Datasheet(HTML) 2 Page - Optoway Technology Inc

  TRS-52160-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRS-52160-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRS-52160-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRS-52160-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRS-52160-CXX0G Datasheet HTML 5Page - Optoway Technology Inc TRS-52160-CXX0G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Optoway
TRS-52160-CXX0G
************************************************************************************************************************************************************************
*************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2006 V1.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
With air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
4.75
5
5.25
V
Operating Temperature
Topr
0
70
oC / air flow 1m/sec
Data Rate
50
622
Mb/s
Power Supply Current
Icc
300
mA
Transmitter Specifications (0
oC < Topr < 70oC, 4.75V < Vcc < 5.25V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
1
---
5
dBm
1
Output Center Wavelength
λ
λ-5.5
λ
λ+7.5
nm
2
Output Spectrum Width
∆λ
---
---
1
nm
-20 dB Width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
10
---
---
dB
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957
Optical Rise Time
tr
1.2
ns
10% to 90% Values
Optical Fall Time
tf
1.2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Total Jitter
TJ
0.55
ns
3
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
4
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
4
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm.
3. Measured with a 2
23-1 PRBS with 72 ones and 72 zeros.
4. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.


Similar Part No. - TRS-52160-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-52120-CXX0G OPTOWAY-TRS-52120-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-52160-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5280-CXX0G OPTOWAY-TRS-5280-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-52120-CXX0G OPTOWAY-TRS-52120-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53160-CXX0G OPTOWAY-TRS-53160-CXX0G Datasheet
154Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5380-CXX0G OPTOWAY-TRS-5380-CXX0G Datasheet
156Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53120-CXX0G OPTOWAY-TRS-53120-CXX0G Datasheet
156Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120-CXX0G OPTOWAY-TRS-32120-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32100-CXX0G OPTOWAY-TRS-32100-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3280-CXX0G OPTOWAY-TRS-3280-CXX0G Datasheet
140Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5020G OPTOWAY-TRS-5020G Datasheet
159Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5040G OPTOWAY-TRS-5040G Datasheet
158Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com