Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB1590 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSB1590
Description  Low Vcesat PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB1590 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSB1590_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB1590_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB1590_1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSB1590_1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSB1590
Low Vcesat PNP Transistor
1/1
Version: A09
SOT-23
PRODUCT SUMMARY
BVCBO
-40V
BVCEO
-25V
IC
-1A
VCE(SAT)
-0.18V @ IC / IB = -500mA / -50mA
Features
Low VCE(SAT) -0.4 @ IC / IB = -150mA / -15mA
Complementary part with TSD2444
Structure
Epitaxial Planar Type
PNP Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSB1590CX RF
SOT-23
3Kpcs / 7” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-1
A
Collector Power Dissipation
PD
225
mW
Thermal Resistance, Junction to Ambient
JA
556
oC/W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: Single pulse, Pw≤350us, Duty≤2%
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -50uA, IE = 0
BVCBO
-40
--
--
V
Collector-Emitter Breakdown Voltage
IC = -1mA, IB = 0
BVCEO
-25
--
--
V
Emitter-Base Breakdown Voltage
IE = -50uA, IC = 0
BVEBO
-6
--
--
V
Collector Cutoff Current
VCB = -35V, IE = 0
ICBO
--
--
-100
nA
Emitter Cutoff Current
VEB = -6V, IC = 0
IEBO
--
--
-100
nA
Collector-Emitter Saturation Voltage
IC / IB = -500mA / -50mA
*VCE(SAT)
--
-0.18
-0.4
V
Base-Emitter Saturation Voltage
IC / IB = -500mA / -50mA
*VBE(SAT)
--
-0.9
-1.3
V
VCE = -3V, IC = -100mA
*hFE 1
120
--
560
DC Current Transfer Ratio
VCE = -3V, IC = -800mA
*hFE 2
80
--
--
Transition Frequency
VCE =-5V, IC=-50mA,
f=100MHz
fT
--
150
--
MHz
Output Capacitance
VCB = -10V, f=1MHz
Cob
--
15
--
pF
* Pulse Test: Pulse Width ≤380uS, Duty Cycle≤2%
Pin Definition:
1. Base
2. Emitter
3. Collector


Similar Part No. - TSB1590_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1590CX TSC-TSB1590CX Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
More results

Similar Description - TSB1590_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412_11 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
   Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_07 Datasheet
225Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412 Datasheet
220Kb / 4P
   Low Vcesat PNP Transistor
TSB772S TSC-TSB772S_10 Datasheet
89Kb / 4P
   Low Vcesat PNP Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com