Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS34118 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118
Description  Voice Switched Speakerphone Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TS34118
Voice Switched Speakerphone Circuit
8/23
Version: A08
Attenuators
The attenuators are controlled by the single output of the Control Block, which is measurable at the CT pin (pin 14).
When the CT pin is at +240 millivolts with respect to VB, the circuit is in the receive mode (receive attenuator is at
+6.0dB). When the CT voltage is at +240 millivolts with respect to VB, the circuit is in the transmit mode (transmit
attenuator is at +6.0dB). The circuit is in an idle mode when the CT voltage is equal to VB. Causing the attenuators
gain to be halfway between their fully on and fully off positions (-20dB each). Monitoring the CT voltage (with respect to
VB) is the most direct method of monitoring the circuit’s mode.
The inputs to the Control Block are seven, 2 from the comparators operated by the level detectors, 2 from the
background noise monitors, the volume control, the dial-tone detector, and the AGC circuit. These seven inputs are
described below.
Level Detectors
There are four level detectors-two on the receive side and two on the transmit side. Refer to Figure 4. The terms in
parentheses from one system, and the other terms from one system. Each level detector is a high gain amplifier with
back-to-bank diodes in the feedback path, resulting in non-linear gain, which permits operation over a wide dynamic
range of speech levels. The sensitivity of each level detector is determined by the external resistor and capacitor at
each input (TLI1, TLI2, RLI1 and RLI2). Each output charge an external capacitor through a diode and limiting resistor,
thus providing a do representation of the input as signal level. The outputs have a quick rise time (determined by the
capacitor and an internal 350ς resistor), and a slow decay time set by an internal current source and the capacitor. The
capacitors on the four outputs should have the same value (±10%) to prevent timing problems. Referring to Figure 2,
on the receives side, one level detector (RLI1) is at the receive input receiving thus same signal as at Tip and Ring,
and the other (PLI2) is at the output of the speaker amplifier. On the transmit side, one level detector (TLI2) is at the
output of the microphone amplifier, while the other (TLI1) is at the hybrid output. Outputs RLO1 and TLO1 feed a
comparator, the output of which goes to the Attenuator Control Block. Likewise, outputs RLO2 and TLO2 feed a
second comparator which also goes to the Attenuator Control Block. The touch table for the effects of the level
detectors on the Control Block is given in the section describing the Control Block.
Figure 4. Level Detector


Similar Part No. - TS34118

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118 Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CD TSC-TS34118CD Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS TSC-TS34118CS Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
378Kb / 21P
   Voice Switched Speakerphone Circuit Chip disable for active/standby operation
More results

Similar Description - TS34118

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com