Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCI-1610AUP Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. PCI-1610AUP
Description  2-port RS-422/485 Low-Profile PCI Communication Card with Isolation and EFT Protection
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

PCI-1610AUP Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Serial Communication Cards
Features
Specifications
General
Bus Type
Universal PCI V 2.2
Certifications
CE, FCC class A
Connectors
PCI-1610UP: 1 x Female DB44
PCI-1602UP and PCI-1604UP: 1 x Female DB25
Dimensions
119.91 x 64.41 mm (4.7" x 2.5") (Low profile MD1)
Power Consumption
5 V @ 400 mA (Max.)
Power Requirement
5 V
Communications
Communication
PCI-1602UP, PCI-1604UP: 16PCI952
Controller
PCI-1610UP: 16PCI954
Data Bits
5, 6, 7, 8
Data Signals
RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND,
RI
RS-422: Tx+, Tx-, Rx+, Rx-, RTS+, RTS-, CTS+, CTS-,
GND
RS-485: Data+, Data-, GND
FIFO
128 bytes
Flow Control
CTS/RTS, Xon/Xoff
IRQ
Assigned by Plug & Play
Parity
None, even, odd
Speed
50 bps ~ 921.6 kbps
Stop Bits
1, 1.5, 2
PCI-1602UP
PCI-1604UP
PCI-1610UP/AUP
2-port RS-422/485 Low-Profile PCI Communication
Card with Isolation and EFT Protection
2-port RS-232 Low-Profile PCI Communication
Card with EFT Protection
4-port RS-232 Low-Profile Universal PCI
Communication Card with EFT Protection
PCI bus 2.2 compliant
Speeds up to 921.6 kbps
2-port RS-232 (PCI-1604UP); 2-port RS-422/485 (PCI-1602UP);
4-port RS-232 (PCI-1610UP)
I/O address automatically assigned by PCI Plug & Play
OS support: Windows® 98/ME/2000/XP/XP Embedded/Vista, Windows CE
5.0/6.0, Linux
2,500VDC EFT Protection
2,500VDC Isolation protection for RS-422/485 (PCI-1602UP)
Interrupt status register for increased performance
Space reserved for termination resistors (PCI-1602UP)
Automatic RS-485 data flow control (PCI-1602UP)
Powerful and easy-to-use utility (ICOM Tools)
Universal and Low-profile PCI (Supports 3.3 V or 5 V PCI bus signal)
Protection
ESD Protection
16 kV
Isolation Protection
2,500 VDC (PCI-1602UP)
EFT Protection
2,500 VDC (PCI-1602UP, PCI-1604UP, PCI-1610UP)
Software
Bundled Software
ICOM Tools
OS Support
Windows 98/ME/2000/XP/XP Embedded, Windows CE
5.0/6.0, Linux
Environment
Humidity (Operating)
5 ~ 95 % RH, non-condensing (refer to IEC 68-2-3)
Operating Temperature 0 ~ 65° C (refer to IEC 68-2-1, 2) (32 ~ 149° F)
Storage Temperature
-25 ~ 85° C (-13 ~ 185° F)
Ordering Information
PCI-1602UP
2-port RS-422/485 Low-Profile Uni PCI Comm Card
PCI-1604UP
2-port RS-232 Low-Profile Uni PCI Comm Card
PCI-1610UP
4-port RS-232 Low-Profile Uni PCI Comm w/EFT
PCI-1610AUP
4-port RS-232 Low-Profile Uni PCI Comm Card
Note: 30 cm DB25 to 2 x DB9 or 30 cm DB44 to 4 x DB9 cable included
Introduction
These RS-232/422/485 PCI communication cards are compatible with the PCI 2.2 bus specification for universal connectivity and low profile PCI cards. PCI-1604UP provides two
independent RS-232 ports, while PCI-1602UP has two RS-422/485 ports. PCI-1610UP and PCI-1610AUP provide 4 RS-232 ports.To improve system performance, all cards allow
transmission rates up to 921.6 kbps. To increase reliability, the cards offer EFT protection, protecting your system from abrupt high voltages up to 2,500 VDC. High-performance
16PCI952 and 16PCI954 UARTs with 128-byte FIFO, reduces the CPU load, making the cards especially suitable for multitasking environments.
The cards follow the Low Profile PCI MD1 standard. This standard has the same protocol and electronic definition as standard PCI, but the Low Profile PCI standard is smaller. Thus,
the cards are suitable for embedded systems, and size-constrained environments. Moreover, all cards are equipped with an universal PCI connector, which allows support for traditional
systems with 5 V signaling or newer systems with 3.3 V signaling.
RoHS
COMPLIANT
2002/95/EC
PCI-1602UP
PCI-1604UP


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn