Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS29152 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS29152
Description  1.5A Ultra Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS29152 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
1/1
Version: A09
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
TS29152 is using process with a PNP pass element for high current, high accuracy and low dropout voltage
regulators. These regulator s feature 350mV(typ) dropout voltages and very low ground current, these devices also
find applications in lower current and low dropout critical systems, where their tiny dropout voltage and ground current
values are important attributes. TS29152 isfully protected against over current faults, reversed input polarity, reversed
lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control
and error flag which signals whenever the output falls out of regulation.
On the TS29152, the enable pin may be tied to VIN if it is not required for enable control.
Features
Dropout voltage typically 0.6V @ Io=1.5A
Output Current up to 1.5A
Low Ground Current
Extremely Fast Transient Response
+60V Transient Peak Voltage
-20V Reverse Peak Voltage
Zero Current Shutdown Mode
Current Limit & Thermal Shutdown Protection
Application
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
High-efficiency Post Regulator for Switching Supply
Low-Voltage microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS29152CZ5 C0
TO-220-5L
50pcs / Tube
TS29152CM5 RN
TO-263-5L
800pcs / 13” Reel
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Supply Voltage
VIN
-20V ~ +60
V
Operation Input Voltage
VIN (operate)
26
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Pin Definition:
1. Enable
2. Input
3. Ground
4. Output
5. Adjust


Similar Part No. - TS29152

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29152 TSC-TS29152 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS29152CM5 TSC-TS29152CM5 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29152CM5RN TSC-TS29152CM5RN Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS29152CZ5 TSC-TS29152CZ5 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS29152

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com