Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19371 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371
Description  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19371 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
3/8
Version: F08
Functional Block
Pin Description
Pin
Function
Description
1
SW
Switching Pin. This is the collector of the internal NPN power switch. Connect to
inductor and diode. Minimize the metal trace area connected to this pin to reduce
EMI.
2
Ground
Ground Pin. Connect directly to local ground plane.
3
Feedback
Feedback Pin. Reference voltage is 95mV. Connect LEDs and a resistor at this pin.
LED current is determined by the resistance and CTRL voltage.
4
CTRL
Shutdown Pin and Dimming Control Pin.
VCTRL > 1.8V generates full-scale LED current
VCTRL < 0.4V chip is off
Switching from 04V to 2.0V, PWM duty cycle controls the LED current
5
OVP
Over Voltage Protection, 30V
6
Input
Input Supply Pin. Bypass this pin with a capacitor as close to the device as possible


Similar Part No. - TS19371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CSRL TSC-TS19371CSRL Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
   Inherently Matched LED Current
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com