Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4264 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS4264
Description  5V/150mA Fixed-Voltage Ultra Low LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS4264_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4264_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS4264
5V/150mA Fixed-Voltage Ultra Low LDO
4/6
Version: B07
Electrical Characteristics Curve
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Quiescent Current vs. Output Current
Figure 3. Quiescent Current vs. Input Voltage
Figure 4. Output Current vs. Temperature
Figure 5. Load Regulation vs. Output Current
Figure 6. Line Regulation vs. Output Current


Similar Part No. - TS4264_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results

Similar Description - TS4264_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com