Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1518 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS1518
Description  Step-Up DC-DC Converter, White LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1518 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1518 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1518 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1518 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1518 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1518 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1518 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1518 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS1518
Step-Up DC-DC Converter, White LED Driver
5/7
Version: B07
Application Information (Continue)
LED Current and Dimming Control
The LED’s current is set by a resistor connected at FB pin to GND using:
The maximum LED current set initially can be reduced by pulse width modulating the CTRL voltage from 0.4V to 1.8V.
A better approach is to adjust the feedback voltage for dimming control. Either a DC level signal or a filtered PWM
signal can be used to control the LED current as illustrated in below figures respectively. Using the above different
scheme, the LED current can be controlled from 0% to 100% to its maximum value.
Dimming Control using a DC Voltage
Dimming Control using a Filtered PWM Signal
LED
LED
R
mV
I
100
=
VDC(V)
VFB
Iout(mA)
2
0
0
1.8
2.2
0.43
1.6
9.2
1.8
1.4
19.6
3.6
1.2
31.1
6
1
43.4
8.5
0.8
63
12.3
0.6
74
14.5
0.4
86.4
16.9
0.2
96.9
19
0
102
20
Duty
Iout ( mA)
0%
20
20%
17.4
30%
15
40%
12.4
50%
10
60%
8
70%
6.4
80%
4.07
100%
0
PWM : 2V ; 1KHz ; Vin=3.6V


Similar Part No. - TS1518

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TS151 TRSYS-TS151 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TS1510 TRSYS-TS1510 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TS1510R TRSYS-TS1510R Datasheet
161Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
TS151R TRSYS-TS151R Datasheet
161Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - TS1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com