Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS19E Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS19E
Description  1.0 AMPS. Surface Mount Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS19E Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS19E Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS19E Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS19E Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12E - SS115E
1.0 AMPS. Surface Mount Schottky Rectifiers
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SS
12E
SS
13E
SS
14E
SS
15E
SS
16E
SS
19E
SS
110E
SS
115E
Units
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
I(AV)
A
IFSM
A
VF
V
Cj
pF
JA
JL
OC/W
TJ
OC
TSTG
OC
Notes: 1. Pulse Test with PW=300u sec, 1% Duty Cycle.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
3. Measured at f=1.0MHz, VR= 4.0V D.C.
0.70
SMAE
Terminals: Lead free Finish
Polarity: Indicated by cathode band.
Mechanical Data
Cases: SMAE Molded plastic
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Esay pick and place
IR
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Weight: 0.072 grams
Maximum Average Forward Rectified Current
@TL(See Fig. 1)
Maximum RMS Voltage
Type Number
Maximum Recurrent Peak Reverse Voltage
High surge current capability
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
-55 to +125
mA
84
28
-55 to +150
1.0
30
0.5
20
110
30
0.85
0.60
Typical Junction Capacitance(Note 3)
For surface mounted application
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
High current capability
Low forward voltage drop
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 1)
IF= 1.0A @Ta=25
oC
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
Maximum DC Reverse Current
@ Ta=25
oC
@ Ta=100
oC
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Version : A09


Similar Part No. - SS19E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS19 PANJIT-SS19 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Daya Electric Group Co....
SS19 DAYA-SS19 Datasheet
166Kb / 2P
   1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Frontier Electronics.
SS19 FRONTIER-SS19 Datasheet
1Mb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Surge Components
SS19 SURGE-SS19 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
RFE international
SS19 RFE-SS19 Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
More results

Similar Description - SS19E

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SK12B GXELECTRONICS-SK12B Datasheet
465Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B Datasheet
56Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
   1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
GS1A TSC-GS1A Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
logo
Shenzhen Luguang Electr...
ES1A LUGUANG-ES1A Datasheet
182Kb / 2P
   1.0 AMPS. Surface Mount Super Fast Rectifiers
HS1A LUGUANG-HS1A Datasheet
182Kb / 2P
   1.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_1 Datasheet
132Kb / 2P
   1.0 Amps. Surface Mount High Efficient Rectifiers
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com