Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ11 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ11
Description  500mW Hermetically Sealed Glass Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ11 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MTZJ11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT ZZK @ IZK
IZK
IR
Number
Nom
Min
Max
IZT
Ohms
Ohms
mA
uA
VR
(V)
(V)
(V)
mA
Max.
Max.
Max.
V
A
5.5%
1.990
1.88
2.10
B
4.3%
2.110
2.02
2.20
A
4.0%
2.210
2.12
2.30
B
4.1%
2.315
2.22
2.41
A
3.9%
2.425
2.33
2.52
B
4.0%
2.530
2.43
2.63
A
4.0%
2.645
2.54
2.75
B
3.9%
2.800
2.69
2.91
A
3.7%
2.960
2.85
3.07
B
3.4%
3.115
3.01
3.22
A
3.4%
3.270
3.16
3.38
B
3.1%
3.425
3.32
3.53
A
3.6%
3.575
3.455
3.695
B
3.3%
3.723
3.60
3.845
A
3.5%
3.875
3.74
4.01
B
3.3%
4.025
3.89
4.16
A
3.0%
4.165
4.04
4.29
B
3.0%
4.300
4.17
4.43
C
3.0%
4.435
4.30
4.57
A
2.6%
4.56
4.44
4.68
B
2.8%
4.68
4.55
4.80
C
2.7%
4.81
4.68
4.93
A
2.6%
4.94
4.81
5.07
B
2.6%
5.07
4.94
5.20
C
2.7%
5.23
5.09
5.37
A
2.4%
5.41
5.28
5.55
B
2.5%
5.59
5.45
5.73
C
2.6%
5.76
5.61
5.91
A
2.7%
5.94
5.78
6.09
B
2.6%
6.12
5.96
6.27
C
2.5%
6.28
6.12
6.44
A
2.6%
6.46
6.29
6.63
B
2.6%
6.66
6.49
6.83
C
2.6%
6.84
6.66
7.01
A
2.7%
7.04
6.85
7.22
B
2.6%
7.26
7.07
7.45
C
2.5%
7.48
7.29
7.67
A
2.6%
7.73
7.53
7.92
B
2.6%
7.99
7.78
8.19
C
2.5%
8.24
8.03
8.45
A
2.6%
8.51
8.29
8.73
B
2.5%
8.79
8.57
9.01
C
2.6%
9.07
8.83
9.30
A
2.6%
9.36
9.12
9.59
B
2.6%
9.66
9.41
9.90
C
2.5%
9.95
9.70
10.2
D
2.5%
10.19
9.97
1.044
A
2.6%
10.45
10.18
1.071
B
2.6%
10.78
10.500
11.05
C
2.5%
11.10
10.82
11.38
A
2.5%
11.42
11.13
11.71
B
2.6%
11.74
11.44
12.03
C
2.6%
12.05
11.74
12.35
0.2
8.0
5
30
110
0.5
0.2
9.0
5
30
120
0.5
0.5
6.0
5
30
120
0.5
0.2
7.0
5
25
120
0.5
0.5
4.0
5
20
120
0.5
0.5
5.0
5
20
120
0.5
5.0
3.0
5
20
150
0.5
2.0
3.5
5
60
300
1.0
5.0
1.5
5
60
500
1.0
5.0
2.5
5
80
800
1.0
5.0
1.0
5
80
900
1.0
5.0
1.0
5
100
1000
1.0
10
1.0
5
100
1000
1.0
5
1.0
5
100
1000
1.0
50
1.0
5
120
1000
0.5
20
1.0
5
120
1000
0.5
1000
0.5
100
1.0
1000
0.5
120
1.0
1000
0.5
100
0.7
5
100
5
100
5
100
5
110
MTZJ11
MTZJ12
MTZJ7V5
MTZJ8V2
MTZJ9V1
MTZJ10
MTZJ5V1
MTZJ5V6
MTZJ6V2
MTZJ6V8
MTZJ3V6
MTZJ3V9
MTZJ4V3
MTZJ4V7
MTZJ2V4
MTZJ2V7
MTZJ3V0
MTZJ3V3
T
Tolerance
MTZJ2V0
MTZJ2V2
Vz @ Izt
1000
0.5
120
0.5
Version: A07


Similar Part No. - MTZJ11

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ11 ROHM-MTZJ11 Datasheet
102Kb / 2P
   500mW Zenor Mini Diode
logo
Galaxy Semi-Conductor H...
MTZJ11 BILIN-MTZJ11 Datasheet
101Kb / 3P
   ZENER DIODES
logo
SynSemi, Inc.
MTZJ11 SYNSEMI-MTZJ11 Datasheet
35Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ11 TSC-MTZJ11 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
EIC discrete Semiconduc...
MTZJ11 EIC-MTZJ11 Datasheet
64Kb / 2P
   ZENER DIODES
More results

Similar Description - MTZJ11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com