Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIE-526A4U Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIE-526A4U
Description  AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-526A4U Datasheet(HTML) 1 Page - Unity Opto Technology

  MIE-526A4U Datasheet HTML 1Page - Unity Opto Technology MIE-526A4U Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AlGaAs/GaAs T-1 3/4 PACKAGE
INFRARED EMITTING DIODE
MIE-526A4U
Description
Package Dimensions
The MIE-526A4U is infrared emitting diodes in
GaAs technology with AlGaAs window coating
molded in pastel pink transparent package.
Features
l
High radiant power and high radiant intensity
l
Standard T-1 3/4 (
φ 5mm) package
l
Peak wavelength
λ
p = 940 nm
l
Good spectral matching to si-photodetector
l
Radiant angle : 25°
Absolute Maximum Ratings
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current(300pps,10
µs pulse)
1
A
Continuos Forward Current
100
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
11/17/2000
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package
@ T
A=25
oC
Unite: mm ( inches )
Unity Opto Technology Co., Ltd.
7.62
(.300)
1.00
(.040)
.50 TYP.
(.020)
23.4 0MIN.
(.920)
1.00MIN
(.040)
A
C
φ5.05
(.200)
FLAT DENOTES CATHODE
5.90
(.230)
5.47
(.215)
2.54
(.100)


Similar Part No. - MIE-526A4U

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-526A2U UOT-MIE-526A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results

Similar Description - MIE-526A4U

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-824A4 UOT-MIE-824A4 Datasheet
31Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526A2U UOT-MIE-526A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-536A2U UOT-MIE-536A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516A2U UOT-MIE-516A2U Datasheet
29Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516A4U UOT-MIE-516A4U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546A4U UOT-MIE-546A4U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-556A2U UOT-MIE-556A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-814A2 UOT-MIE-814A2 Datasheet
32Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546A2U UOT-MIE-546A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-556A4U UOT-MIE-556A4U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com