Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO566NBL4-70G-MT Datasheet(PDF) 2 Page - Marktech Corporate

Part # LO566NBL4-70G-MT
Description  SPECIFICATION FOR COTCO LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO566NBL4-70G-MT Datasheet(HTML) 2 Page - Marktech Corporate

  LO566NBL4-70G-MT Datasheet HTML 1Page - Marktech Corporate LO566NBL4-70G-MT Datasheet HTML 2Page - Marktech Corporate LO566NBL4-70G-MT Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
COTCO-D-074
REV.1
Model No.
LO566NBL4-70G-MT
Doc. No.
A 01Jul03
A
Ap
pp
plliic
ca
attiio
on
ns
s::
D
Diim
me
en
ns
siio
on
n D
Drra
aw
wiin
ng
g
- Variable Message Signs
- Message Board
A
Ab
bs
so
ollu
utte
e M
Ma
ax
xiim
mu
um
m R
Ra
attiin
ng
gs
s a
att T
Ta
a =
= 2
25
5
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
25
mA
Peak Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operation Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-30 ~ +80
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*pulse width <=0.1msec
duty <=1/10
T
Ty
yp
piic
ca
all E
Elle
ec
cttrriic
ca
all &
& O
Op
pttiic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s (( T
Ta
a =
= 2
25
5
°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
---
3.6
4.2
V
Reverse Current
IR
VR = 5V
---
---
100
µA
Dominant Wavelength
λ
D
IF = 20mA
465
470
475
nm
Luminous Intensity
IV
IF = 20mA
145
240
---
mcd
2
θ½ H-H
IF = 20mA
---
70
---
deg
50% Power Angle
2
θ½V-V
IF = 20mA
---
40
---
deg
R
Ra
an
nk
ks
s C
Co
om
mb
biin
na
attiio
on
n ((IIFF =
= 2
20
0m
mA
A))
Rank
M
N
P
Luminous Intensity
145-200 mcd
200-280 mcd
280-390 mcd
Rank
X4
X5
Dominant Wavelength
465-470 nm
470-475 nm
Rank
V9
V10
V11
V12
V13
Voltage
3.2-3.4 V
3.4-3.6 V
3.6-3.8 V
3.8-4.0 V
4.0-4.2 V
IIm
mp
po
orrtta
an
ntt N
No
otte
es
s::
1) All ranks will be included per delivery, rank ratio will be determined by Cotco.
2) Tolerance of measurement of luminous intensity is ±15%.
3) Tolerance of measurement of dominant wavelength is ±1nm.
4) Tolerance of measurement of Vf is ±0.05 V.
5) Packaging methods are available for selection, please refer to PACKAGING STANDARD.
6) Please refer to LED LAMP RELIABILITY TEST STANDARD for reliability test conditions.


Similar Part No. - LO566NBL4-70G-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LO566AHR4-70G-A MARKTECH-LO566AHR4-70G-A Datasheet
356Kb / 2P
   Ultra Bright Red Elliptical LED
LO566AHR4-70H-A MARKTECH-LO566AHR4-70H-A Datasheet
355Kb / 2P
   Ultra Bright Red Elliptical LED
LO566AYL4-70G-A MARKTECH-LO566AYL4-70G-A Datasheet
359Kb / 2P
   Ultra Bright Yellow Elliptical LED
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70H-A MARKTECH-LO566AYL4-70H-A Datasheet
353Kb / 2P
   Ultra Bright Yellow Elliptical LED
More results

Similar Description - LO566NBL4-70G-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com