Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES-2108G-VSAE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ES-2108G-VSAE
Description  8.4 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2108G-VSAE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ES-2108G-VSAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2108G-VSAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2108G-VSAE
Open Frame
450
VGA
Tempered Glass
N/A
N/A
ES-2108R-VSAE
Open Frame
450
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2108C-VSAE
Open Frame
450
VGA
Capacitive
RS-232
N/A
ES-2108R-LSA-05E
Open Frame
450
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2208R-VSAE
Rugged panel mount
450
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2208C-VSA-SRE
Rugged panel mount
450
VGA
Capacitive
RS-232
Yes
ES-2108C-VVM-SRE
Open Frame
300
VGA
Capacitive
RS-232
real transflective
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2108/2208
ES-2108
ES-2208
282.00
51.70
10.00
272.00
47.43
264.00
10.00
10.00
85.00
85.00
38.10
75.00
10.0
174.1
132.0
10.0
170.0
10.0
132.0
47.0
CUT OUT
10.0
M3 TAP
(3M
Capactive
T/S)
(ELO
Resistive
T/S)
4.43
(FUJITSU
Resistive
T/S)
2.40
47.43
45.40
49.00
6.00
47.00
4.00
(ELO
SAW T/S)


Similar Part No. - ES-2108G-VSAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2106C-VVAE ADVANTECH-ES-2106C-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2106G-VVAE ADVANTECH-ES-2106G-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2106G-VVAE ADVANTECH-ES-2106G-VVAE Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106R-LVA-05E ADVANTECH-ES-2106R-LVA-05E Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results

Similar Description - ES-2108G-VSAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
LD-084 AXIOMTEK-LD-084 Datasheet
198Kb / 1P
   8.4 Industrial Open Frame LCD Monitor
P6841O AXIOMTEK-P6841O Datasheet
270Kb / 2P
   8.4 SVGA TFT Industrial Open Frame Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com