Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-7654C Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-7654C
Description  42G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-7654C Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-7654C Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
EKI-7654C
4+2G Combo Port Gigabit Managed
Redundant Industrial Ethernet Switch
Introduction
EKI-7654C supports 4 Fast Ethernet ports and 2 Gigabit combo ports. To create reliability in your network, the EKI-7654C comes equipped with a proprietary redundant network
protocol -- X-Ring that was developed by Advantech, which provides users with an easy way to establish a redundant Ethernet network with ultra high-speed recovery time less than
10 ms. Furthermore, EKI-7654C also supports many advanced network standards to optimize network performance, ease maintenance issues, and secure network safety.
Specifications
Communications
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.1D, 802.1w,
802.1p, 802.1Q, 802.1X, 802.3ad, 802.3ab
LAN
100Base-TX, 10/1000Base-T, Optional 100Base-FX,
1000Base-SX/LX/LHX/XD/ZX/EZX
Transmission Distance Ethernet: Up to 100 m (4- wire Cat.5e, Cat.6 RJ-45
cable suggested for Gigabit port)
SFP: Up to 110 km (depends on SFP)
Transmission Speed
Ethernet: 10/100Mbps Auto-Negotiation
Gigabit Copper: 10/100/1000Mbps, Auto-Negotiation
Gigabit Fiber: Up to 1000Mbps
Interface
Connectors
4 x RJ-45 (Ethernet) 2 x RJ-45/SFP (mini-GBIC)
combo ports 6-pin removable screw terminal
(Power & Relay)
LED Indicators
System: PWR, PWR1, PWR2, R.M., P-Fail
10/100T(X): Link/Activity, Duplex/Collision
Gigabit Copper: Link/Activity, Speed (1000Mbps)
SFP: Link/Activity
Console
RS-232 (RJ-45)
Network Management
Configuration
Web browser, Telnet, Serial console, TFTP, SNMPv1/
v2c/v3, Port Speed/Duplex Configuration
VLAN
IEEE 802.1Q, GVRP, Port-based VLAN
Redundancy
ADVANTECH X-Ring (Recovery time < 10 ms at 50pcs
full loading ring structure), Dual Homing, Couple Ring,
802.1w/D RSTP/STP
Security
IP Access security, port security, DHCP Server, Port
and IP Binding, 802.1X Port Access Control
Traffic Control
IGMP Snooping/Query for multicast group
management Port Trunking, Static/802.3ad LACPRate
limit and storm controlIEEE 802.1p QoS CoS/TOS/
DSCP priority queuingIEEE 802.3x flow control
Diagnostics
Port Mirroring, Real-time traffic statistic, MAC Address
Table, SNTP, Syslog, E-Mail Alert, SNMP Trap, RMON
Mechanism
Enclosure
IP30, metal shell with solid mounting kits
Dimensions(W x H x D) 79 x 152 x 105 mm
Mounting
DIN-rail, wall
Power
Power Consumption
Max. 10.7 W
Power Input
12~ 48 VDC, redundant dual inputs
Fault Output
1 Relay Output
Protection
ESD (Ethernet)
4,000 VDC
Surge (EFT for power) 3,000 VDC
Power Reverse
Present
Overload
1.6A @ 12 VDC (Re-settable Fuse)
Environment
Operating Temperature -10 ~ 60° C (14 ~ 140° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Operating Humidity
5 ~ 95% (non-condensing)
Storage Humidity
0 ~ 95% (non-condensing)
MTBF
284,409 hours
Certifications
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
EMC
U.S.A.: FCC Part 15 CISPR 22
EU: EN55011, EN61000-6-4 EN55022 Class A,
EN61000-3-2/3 EN55024
IEC61000-4-2/3/4/5/6/8, EN61000-6-2/4
Shock
IEC60068-2-27
Freefall
IEC60068-2-32
Vibration
IEC60068-2-6
Ordering Information
EKI-7654C
4+2G Gigabit Managed Ethernet Switch
2 Gigabit Copper/SFP combo ports, plus 4 Fast Ethernet ports
Full/half duplex mode flow control
MDI/MDI-X auto crossover
SFP socket for Easy and Flexible Fiber Expansion
Redundancy: Gigabit X-Ring (ultra high-speed recovery time < 10 ms),
RSTP/STP (802.1w/1D)
Management: Web, Telnet, Serial Console, SNMP
Control: VLAN/GVRP, QOS, IGMP Snooping/ Query, LACP, Rate
Limit Security: IP/MAC and port binding, DHCP Server, IP access list, 802.1X,
SNMPv3 Diagnostic: Port Statistic, Port Mirroring, RMON, SNMP Trap, SMTP,
Syslog
Dual 12 ~ 48 VDC power input and 1 relay output
NEW
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - EKI-7654C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
275Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI Datasheet
275Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
More results

Similar Description - EKI-7654C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7656CI ADVANTECH-EKI-7656CI Datasheet
275Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI_15 Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7659CI ADVANTECH-EKI-7659CI Datasheet
557Kb / 1P
   82G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7710G-2CI-AE ADVANTECH-EKI-7710G-2CI-AE Datasheet
329Kb / 2P
   8G2G Port Gigabit Managed Redundant Industrial Switch
EKI-7710G-2C ADVANTECH-EKI-7710G-2C Datasheet
409Kb / 2P
   8G2G Port Gigabit Managed Redundant Industrial Switch
15-Jun-2021
EKI-7710E-2CI-AE ADVANTECH-EKI-7710E-2CI-AE Datasheet
329Kb / 2P
   8FE2G Port Gigabit Managed Redundant Industrial Switch
EKI-7710G-2C-AE ADVANTECH-EKI-7710G-2C-AE Datasheet
329Kb / 2P
   8G2G Port Gigabit Managed Redundant Industrial Switch
EKI-7710E-2C ADVANTECH-EKI-7710E-2C Datasheet
396Kb / 2P
   8FE2G Port Gigabit Managed Redundant Industrial Switch
5-Feb-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com