Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-2525SPI Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-2525SPI
Description  41 100FX Port Single-Mode Industrial PoE Switch with Wide Temperature
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-2525SPI Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-2525SPI Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial Ethernet Solutions
Features
NEW
EKI-2525SPI
4+1 100FX Port Single-Mode Industrial
PoE Switch with Wide Temperature
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3af
ƒ
LAN
10/100Base-T(X), 100Base-FX
ƒ
Transmission Distance Ethernet: Up to 100 m
Single-mode Fiber-optic: Up to 30 km
ƒ
Transmission Speed
Up to 100 Mbps
ƒ
Fiber-optic
Wavelength: 1310nm
Tx Power: -8/-15dBm
Rx Sensitivity: -34dBm
Parameters: 9/125um
Interface
ƒ
Connectors
PoE Ports: 4 (Ports 1 ~ 4)
1 x SC type fiber-optic connector
6-pin removable screw terminal (power & relay)
ƒ
LED Indicators
P1, P2, P-Fail
10/100TX: Link/Active, Duplex/Collision
Fiber: Link/Active
PoE: Feeding Power
Power
ƒ
Power Consumption
4.6 W (without PoE), 58 W (Full load PoE)
ƒ
Power Input
48 VDC redundant dual inputs
ƒ
Power Output
15.4 W at 48V (per PoE port)
ƒ
Fault Output
1 Relay Output
Mechanism
ƒ
Dimensions (W x H x D) 37 x 140 x 95 mm
ƒ
Enclosure
IP30, Metal shell with solid mounting kits
ƒ
Mounting
DIN-rail, Panel
Protection
ƒ
ESD (Ethernet)
4,000 VDC
ƒ
Surge (EFT for power) 3,000 VDC
ƒ
Reverse Polarity
Present
ƒ
Overload
3A @ 48 VDC
Environment
ƒ
Operating Temperature -40 ~ 75° C (-40 ~ 167° F)
ƒ
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
ƒ
Operating Humidity
5 ~ 95% (non-condensing)
ƒ
Storage Humidity
0 ~ 95% (non-condensing)
ƒ
MTBF
208,900 hrs
Certifications
ƒ
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
ƒ
EMC
U.S.A.: FCC Part 15 CISPR 22
EU: EN55011, EN61000-6-4
EN55022 Class A,
EN61000-3-2/3
EN55024
IEC61000-4-2/3/4/5/6/8
EN61000-6-2
ƒ
Shock
IEC60068-2-27
ƒ
Freefall
IEC60068-2-32
ƒ
Vibration
IEC60068-2-6
Ordering Information
ƒ
EKI-2525SPI
4+1 100FX SM Industrial PoE Switch w/ Wide Temp
ƒ Provides 1 x 100FX Ethernet port plus 4 x PoE injector ports
ƒ Supports 10/100Mbps auto negotiation
ƒ Provides broadcast storm protection
ƒ Supports Ethernet ESD protection
ƒ Provides surge (EFT) protection 3,000 VDC for power line
ƒ Provides Slim size, DIN-rail/Wallmount with IP30 metal mechanism
ƒ Supports Redundant 48 VDC power input and P-Fail relay
ƒ Supports wide operating temperatures (-40 to 75° C)
Introduction
The EKI-2525SPI is a 4+1 100FX port unmanaged PoE (Power-over-Ethernet) Industrial Ethernet switch that supports 4 PoE ports which are classified as power source equipment (PSE),
and additionally provides one single-mode fiber-optic port. This PoE device makes centralized power supply come true and provides up to 15.4 watts of power per port. Advantech
EKI PoE devices can be used to power IEEE802.3af compliant powered devices (PD) by Ethernet cable and eliminates the need for additional power wiring. Using fiber-optics, you can
prevent noise from interfering with your system and supports high-speed (100 Mbps) and high-distance (up to 30 km) transmissions. Advantech EKI PoE devices come equipped with
all the standard features of the EKI family. Furthermore, it offers a 48 VDC redundant power input design, and is secured with a double protection mechanism; Power Polarity Reverse
Protect and an Overload Current Resettable Fuse. Advantech EKI PoE devices come with compact metal housing that rates IP30 to help against from dusty industrial environments.
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - EKI-2525SPI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2525S ADVANTECH-EKI-2525S Datasheet
274Kb / 2P
   41 100FX Port Unmanaged Industrial Ethernet Switch
19-Jun-2017
EKI-2525S-AE ADVANTECH-EKI-2525S-AE Datasheet
406Kb / 2P
   41 100FX Port Single Mode Unmanaged Industrial Ethernet Switch
EKI-2525S-AE ADVANTECH-EKI-2525S-AE Datasheet
274Kb / 2P
   41 100FX Port Unmanaged Industrial Ethernet Switch
19-Jun-2017
EKI-2525SI-AE ADVANTECH-EKI-2525SI-AE Datasheet
263Kb / 2P
   41 100FX Port Unmanaged Industrial Ethernet Switch
5-Mar-2020
EKI-2525SI-ST-AE ADVANTECH-EKI-2525SI-ST-AE Datasheet
263Kb / 2P
   41 100FX Port Unmanaged Industrial Ethernet Switch
5-Mar-2020
More results

Similar Description - EKI-2525SPI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2525S-AE ADVANTECH-EKI-2525S-AE Datasheet
406Kb / 2P
   41 100FX Port Single Mode Unmanaged Industrial Ethernet Switch
EKI-2525M ADVANTECH-EKI-2525M_15 Datasheet
448Kb / 2P
   41 100FX Port Multi-Mode/Single Mode Unmanaged Industrial Ethernet Switch
EKI-2526PI-AE ADVANTECH-EKI-2526PI-AE Datasheet
336Kb / 2P
   6-port Industrial PoE Switch with Wide Temperature
EKI-2525M-AE ADVANTECH-EKI-2525M-AE Datasheet
406Kb / 2P
   41 100FX Port Multi-Mode Unmanaged Industrial Ethernet Switch
EKI-2525M-ST-AE ADVANTECH-EKI-2525M-ST-AE Datasheet
406Kb / 2P
   41 100FX Port Multi-Mode Unmanaged Industrial Ethernet Switch
EKI-2525M-BE ADVANTECH-EKI-2525M-BE Datasheet
406Kb / 2P
   41 100FX Port Multi-Mode Unmanaged Industrial Ethernet Switch
EKI-2525MI ADVANTECH-EKI-2525MI Datasheet
263Kb / 2P
   41 100FX Port Unmanaged Industrial Ethernet Switch
5-Mar-2020
EKI-2525M ADVANTECH-EKI-2525M_V01 Datasheet
274Kb / 2P
   41 100FX Port Unmanaged Industrial Ethernet Switch
19-Jun-2017
EKI-2526M-ST-AE ADVANTECH-EKI-2526M-ST-AE Datasheet
448Kb / 2P
   42 100FX Port Unmanaged Industrial Ethernet Switch
EKI-7659CPI ADVANTECH-EKI-7659CPI Datasheet
278Kb / 1P
   82G Port Gigabit Managed Redundant Industrial PoE Switch with Wide Temperature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com