Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVS-5120-945G-8H Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DVS-5120-945G-8H
Description  Industrial Robust & Compact Desktop/ Wallmount PC based DVR with Front Accessible I/O
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVS-5120-945G-8H Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DVS-5120-945G-8H Datasheet HTML 1Page - Advantech Co., Ltd. DVS-5120-945G-8H Datasheet HTML 2Page - Advantech Co., Ltd. DVS-5120-945G-8H Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
DVS-5120
Industrial Robust & Compact Desktop/
Wallmount PC based DVR with Front
Accessible I/O
Cost effective to advanced performance platform supports Intel Core™ 2
Duo/Pentium D/Pentium 4/Celeron D Processors
Compact, robust and flexibility configure with Micro ATX Motherboard
All I/O interfaces are located in the front to facilitate cable routing
Shock-resistant drive bay configure to hold one 5.25" and two 3.5" drives (one
external & one internal)
Streamlined in-chassis airflow design
Compatibility and certification test for various video capture card
Supports 4/8/16 MPEG-4/H.264 video capture
Built-in CD-ROM/RW or DVD-ROM/±RW and HDD
PCIe x 16 slot for VGA card
Introduction
The DVS-5120 industrial PC based DVR is specifically designed for factory floors and other harsh industrial environments. It is a wall-mountable/desktop unit that is ideal for system
integrators or users who require a compact and rugged surveillance platform for industrial or specific applications. The DVS-5120 supports a wide range computing peripherals to be
integrated with the chassis. Micro ATX motherboards with up to three add-on cards and one or more DIO modules may be installed in the DVS-5120. Unlike the classical industrial
computer, DVS-5120 has an innovated appearance for industrial outlook chassis. It can be placed on the desk or mounted bi-directionally by the supplied brackets. It can be easily
bottom or right mounted onto most surfaces, such as walls or workbenches. The shockproof disk drive housing design protects the system against harsh industrial environments or
unexpected shock. The front access I/O interfaces and expansion slots make it much easier to operate and maintain while it is installed in the ATM, POS, Gaming and other applied
machine. All these outstanding features make DVS-5120 the best solution for price, performance and total cost of ownership.
Specification
Computing System
Chipset
Intel® 945G + ICH7
CPU* (configurable)
LGA775 Intel® Core™ 2 Duo/Pentium® D/Pentium® 4/Celeron® D
Front Side Bus
533/80/1066 MHz
L2 Cache
4 MB/2 MB (Core 2 Duo), 4 MB/2 MB (Pentium D), 2 MB/1 MB (Pentium 4), 512 KB/256 KB (Celeron D)
Memory* (configurable)
Support up to 4 GB Dual Channel 240-pin, DIMM x 4, DDR2 667/533 MHz
Graphics
Controller
Intel® 82945G GMCH integrated Graphics Media Accelerator 950
VRAM
Intel DVMT 3.0 dynamically shared system memory up to 224 MB memory
Expansion Slots
PCI
2 x 32-bit/33 MHz PCI
PCIe x 16
1 x 4.0 GB/s per direction
DIO
1 x DIO module
Storage
Optical Drive* (configurable)
Supports CD-ROM/DVD-ROM/CD-RW/DVD±RW DL
Floppy Disk (configurable)
Supports 3.5" 1.44 MB FDD
Hard Disk Drive* (configurable)
3.5" SATA HDD
Drive Bay
5.25" (front-accessible)
1
3.5" (front-accessible)
1
3.5" (internal)
1
Ethernet
Interface
10/100/1000Base-T Gigabit Ethernet
Controller
G-LAN: Intel 82573L
I/O Ports*
Front I/O Ports
1 x VGA, 1x RJ45 with LED connector, 1 x COM, 4 x USB2.0, 1 x Parallel (SPP/EPP/ECP), 1 x PS/2 Keyboard,
1 x PS/2 Mouse, 3 x Audio I/O (MIC-In, Line-In, Line-Out)
Power Supply
Power Output Wattage
300 W
Type
Single ATX power supply
Cooling
Chassis Fan
1 (85 CFM) + 1 (10 CFM)
Air Filters
1 (133 x 112 mm)
Environment
Temperature
Operating
Non-Operating
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C non-condensing
10 ~ 95% @ 40° C non-condensing
Physical Characteristics
Color
Black
Dimensions (W x H x D)
320 x 164 x 307 mm (12.6" x 6.5" x 12.1")
Weight
8.3 kg (18.3 lb)
Operating System*
Microsoft® Window ® XP/2000/XP Embedded
* Configurations are variable upon regions. Please contact Advantech sales force or refer CTOS DVR Platform for more details


Similar Part No. - DVS-5120-945G-8H

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-510 ADVANTECH-DVS-510 Datasheet
353Kb / 2P
   1U Compact Size Digital Video Platform
DVS-510-35IKE ADVANTECH-DVS-510-35IKE Datasheet
353Kb / 2P
   1U Compact Size Digital Video Platform
More results

Similar Description - DVS-5120-945G-8H

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4W5120-2U01 ADVANTECH-SYS-4W5120-2U01 Datasheet
262Kb / 2P
   Ultra Compact Micro ATX System with Front Accessible I/O
IPC-5120 ADVANTECH-IPC-5120 Datasheet
1Mb / 2P
   Compact Desktop/Wallmount Chassis with Front I/O Interfaces & Expansion Slots for MicroATX Motherboard
SYS-4W5120-6U01 ADVANTECH-SYS-4W5120-6U01 Datasheet
470Kb / 2P
   Ultra Compact & Lower Power MicroATX System with Front-Accessible I/O
IPC-7143 ADVANTECH-IPC-7143 Datasheet
294Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard with 2 SATA HDD Trays & Bottom-accessible I/O
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
1-Jun-2020
SYS-4W5120-4U01 ADVANTECH-SYS-4W5120-4U01 Datasheet
513Kb / 2P
   Compact Intel짰 Core??2 Duo MicroATX System with Front-Accessible I/O
ARK-6620-6M02E ADVANTECH-ARK-6620-6M02E Datasheet
628Kb / 2P
   Compact Intel짰 Core??2 Duo Mini-ITX System with Front Accessible I/O
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com