Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DVS-350M Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. DVS-350M
Description  Embedded/Mobile Digital Video Platform with 2.5 HDD
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVS-350M Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DVS-350M Datasheet HTML 1Page - Advantech Co., Ltd. DVS-350M Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Video Surveillance
Dimensions
Unit: mm (inch)
I/O Interface
CardBus
1 slot
Power Switch
External Power Switch Connector
Power Requirement
Management
APM 1.2, ACPI supported
Power Consumption
Average 15 W
Power Adapter
9 ~ 30 V DC, Typical 9 V DC @ 5.4 A, 19 V DC @ 2.9 A
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1 ~ 255 sec.
Physical Characteristics
Construction
Aluminum housing
Mounting
Din-Rail mounting and desk/wall mounting
Dimensions (W x H x D)
232.0 x 65.0 x 138.4 mm (9.1" x 2.5" x 5.4")
Weight
2.3 kg (5.06 lb)
Environment
Temperature
Operating: -10 ~ 50° C
Temperature
(with industrial grade components)
Operation: -15 ~ 55° C
Relative Humidity
Operating: 95% @ 40° C (non-condensing)
Vibration Resistance
Operating: 1 Grms, IEC 60068-2-64, Random, 5 ~ 500 Hz, 1 oct/min, 1 hr/axis
Shock Resistance
Operating: 40 G, IEC 60068-2-27, half sine, 11 ms
Ordering Information
Part Number
HDD Support
Video Inputs
CPU
Memory
L2 Cache
DVS-350-25S4E
2.5" HDD Tray
4 ~ 16 channels
Intel Pentium M LV 1.4 GHz
N/A
2 MB
* DVS-350-25M0E; Intel Celeron M ULV 600 MHz with 512 MB L2 cache is available upon request
DVS-350M
Optional Items
2.5" Hard Drive Options
Part Number
RPM
Type
Capacity
96ND40G-I-HI4K
4200
IDE Parallel-ATA
40 GB
96ND60G-I-FJ4K1
4200
IDE Parallel-ATA
60 GB
96ND80G-I-HI4K
4200
IDE Parallel-ATA
80 GB
Power Adapter Options
Part Number
Description
1757000222
AC-to-DC Adapter DC 19 V/3.42 A/65 W, with Phoenix
Power Plug
Power Cord Options
Part Number
Description
1700001947
2-pin 180 cm, USA
1700001948
2-pin 180 cm, Europe
1700001949
2-pin 180 cm, UK
Industrial-grade CompactFlash Card Options
Part Number
Capacity
Operation Temperature
96FMCFI-512M-ET-AP
512 MB
-40° C (-40° F) ~ 85° C (185° F)
96FMCFI-1G-ET-AP
1 GB
-40° C (-40° F) ~ 85° C (185° F)
Packing List
Part Number
Description
Qty
2013000000
2 year warranty card
X 1
2062S35000
Driver CD
X 1
1700001394
DC Jack with 2-pin pluggable terminal block
X 1
1652000209
Pluggable terminal block for DI and DO
X 1
1700060202
Y cable of KB and PS/2 Mouse
X 1
1700001618
Video Cable (D-sub 15P to BNC)
X 2
232.0 (9.13")
262.0 (10.31")


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn