Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWE12330 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SWE12330
Description  Deep cycle battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SWE12330 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SWE12330 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
12V
33 Ah
170 mm (6.69 inches)
155 mm (6.10 inches)
196 mm (7.70 inches)
131mm (5.16 inches)
10.5Kg (23.13lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(3.0 A)
5 hour rate(4.8 A)
1 hour rate(18.0 A)
33.0 AH
26.5 AH
19.8 AH
Full charged Battery at 25 (77 )
Approx
9.2
m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
Initial Charging Current less than 13.2 A
Voltage 14.10-14.40V
Voltage 13.50-13.80V
SWE12330(12V33AH)
8.40
7.80
0 1
2
4 6 8 10
4 6 8 10
2
20
40 60
20 40
9.00
9.60
10.8
13.2
12.6
12.0
11.4
13.8
10.2
3.3A
6.6A
16.5A
33A
70A
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Sw12330
(12V33AH)
R
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
Charge
(constant
Voltage)
10 hour rate(3.0 A)
5 hour rate(4.8 A)
1 hour rate(18.0 A)
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T64
T16
8.40
7.80
0 1
2
4 6 8 10
4 6 8 10
2
20
40 60
20 40
9.00
9.60
10.8
13.2
12.6
12.0
11.4
13.8
10.2
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
SwE12330
(12V33AH)
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
10.20V
10.50V
10.80V
11.10V
9.60V
Outer dimensions (mm)
14
M6
16
196
196
131
131
166
166
Outer dimensions (mm)
14
196
196
131
131
T16
T64
20
40
60
80
100
120
100%DOD
50%DOD
30%DOD
0
200
400
600
800
1000
1200
1400
Number of cycles(cycles)
1600
Idis=0.17C
5h
Ich=0.10C 10h
Idis=0.17C
2.5h
Ich=0.10C
5.0h
Idis=0.17C
1.5h
Ich=0.10C
3.0h
Curves of cycle life(25 )


Similar Part No. - SWE12330

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE12330 SUNNYWAY-SWE12330_17 Datasheet
459Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SWE12330

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE61800 SUNNYWAY-SWE61800 Datasheet
490Kb / 1P
   Deep cycle battery
SWE61900 SUNNYWAY-SWE61900 Datasheet
464Kb / 1P
   Deep cycle battery
SWE121200 SUNNYWAY-SWE121200 Datasheet
446Kb / 1P
   Deep cycle battery
SWE121500 SUNNYWAY-SWE121500 Datasheet
481Kb / 1P
   Deep cycle battery
SWE12140 SUNNYWAY-SWE12140 Datasheet
300Kb / 1P
   Deep cycle battery
SWE12400 SUNNYWAY-SWE12400 Datasheet
480Kb / 1P
   Deep cycle battery
SWE12440 SUNNYWAY-SWE12440 Datasheet
447Kb / 1P
   Deep cycle battery
SWE12120 SUNNYWAY-SWE12120 Datasheet
298Kb / 1P
   Deep cycle battery
SWE12280 SUNNYWAY-SWE12280_1 Datasheet
322Kb / 1P
   Deep cycle battery
SWE12650 SUNNYWAY-SWE12650 Datasheet
476Kb / 1P
   Deep cycle battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com