Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SWE1240 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part No. SWE1240
Description  Deep cycle battery
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Homepage  http://www.sunnyway-battery.com
Logo 

SWE1240 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.4
7.8
9.0
9.6
10.8
13.2
12.6
12.0
11.4
13.8
10.2
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
12V
4.0Ah
106mm (4.17 inches)
101mm (3.98 inches)
90mm (3.54 inches)
70mm (2.76 inches)
1.45Kg (3.19 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(0.20 A)
10 hour rate(0.37 A)
5 hour rate(0.68 A)
1 hour rate(2.40 A)
4.00 AH
3.70 AH
3.40 AH
2.40 AH
Full charged Battery at 25 (77 ) 48 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T1
Initial Charging Current less than1.60A
Voltage 14.40-14.70V
Voltage 13.50-13.80V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
9.60V
10.20V
10.50V
10.80V
11.10V
2.40
27.7
2.25
26.0
2.18
25.2
2.11
24.5
2.03
24.2
1.40
16.2
1.34
15.6
1.32
15.3
1.28
14.9
1.25
14.8
1.03
11.92
1.00
11.58
0.98
11.38
0.97
11.25
0.92
10.92
0.83
9.57
0.80
9.27
0.76
8.80
0.75
8.69
0.73
8.67
0.70
8.12
0.69
7.97
0.68
7.92
0.65
7.57
0.62
7.40
0.46
5.35
0.46
5.27
0.45
5.22
0.44
5.00
0.43
4.83
0.38
4.38
0.37
4.30
0.37
4.27
0.36
4.17
0.35
4.08
0.21
2.40
0.20
2.33
0.20
2.32
0.20
2.27
0.19
2.25
SWE1240(12V4.0AH)
SW1
240
(12V
4.0A
H)
90
70
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
14.4A
12A
8.0A
4.0A
1.6A
0.80A 0.40A
0.20A
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
Edition May 2008
20
40
60
80
100
120
100%DOD
50%DOD
70%DOD
30%DOD
0
200
400
600
800
1000
1200
1400
Number of cycles(cycles)
1600
Idis=0.25C
3h
Idis=0.25C
2h
Idis=0.25C
1.5h
Idis=0.25C
1.0h
Ich=0.10C
9h
Ich=0.10C
6h
Ich=0.10C
4.5h
Ich=0.10C
3.0h
Curves of cycle life(25 )
SW1
240
(12V
4.0A
H)
SWE
124
0
(12V
4.0A
H)
3.2
6.35
3.4
7.85


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn