Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5252 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5252
Description  2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5252 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5252 Datasheet HTML 1Page - ON Semiconductor NCP5252 Datasheet HTML 2Page - ON Semiconductor NCP5252 Datasheet HTML 3Page - ON Semiconductor NCP5252 Datasheet HTML 4Page - ON Semiconductor NCP5252 Datasheet HTML 5Page - ON Semiconductor NCP5252 Datasheet HTML 6Page - ON Semiconductor NCP5252 Datasheet HTML 7Page - ON Semiconductor NCP5252 Datasheet HTML 8Page - ON Semiconductor NCP5252 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP5252
http://onsemi.com
3
AGND
LX
PGND
VO
COMP
FB
VOUT
GND
NCP5252
4.5 TO 13.2V
Figure 2. NCP5252 Typical Application Circuits
PIN FUNCTION DESCRIPTION
Pin No
Symbol
Description
1
VCC
Internal LDO power supply
2
BST
Top MOSFET driver input supply, a bootstrap capacitor connection between LX and this pin.
3
PGOOD
Power good indicator of the output voltage. High impedance (open drain) if power good (in regulation).
Low impedance if power not good.
4
EN/SKIP
This pin serves as two functions. Enable: Logic control for enabling the switcher. SKIP: Power saving
mode (Skip and Force PWM) programmable pin.
5
COMP
Output of the error amplifier.
6
FB
Output voltage feed back.
7
VO
Output voltage.
8
AGND
Analog ground.
9
FREQ_SET
Frequency selection pin,
0 V = 333k, No connect = 500 kHz, 5 V = 1.0 MHz
10
V5
Power supply for analog circuit.
11−13
PGND
Ground reference and high−current return path for the bottom power MOSFET.
14−15
LX
Switch node between the top MOSFET and bottom MOSFET.
16
VCC
Internal Main FET power supply
17
EPAD
Connect to PGND for thermal enhancement. Exposed pad is not electrically connected.


Similar Part No. - NCP5252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252MNTXG ONSEMI-NCP5252MNTXG Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
More results

Similar Description - NCP5252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
   Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com