Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PT060PP Datasheet(PDF) 1 Page - Marktech Corporate

Part No. PT060PP
Description  Narrow Angular Response
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARKTECH [Marktech Corporate]
Homepage  http://www.marktechopto.com
Logo 

PT060PP Datasheet(HTML) 1 Page - Marktech Corporate

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.marktechopto.com
800.984.5337
PT060PP
Photo Transistor
Features:
Narrow Angular Response
Super Compact
High Reliability in Demanding Environments
Applications:
Optical Switches
Edge Sensing (Coin Dispenser)
Smoke Detectors
Absolute Maximum Ratings (Ta=25ºC)
Items
Symbol
Ratings
Unit
Collector-Emitter Voltage
Vceo
20
V
Emitter Collector Voltage
Veco
5
V
Collector Current
Ic
30
mA
Collector Power Dissipation
Pc
80
mW
Operating Temperature
Topr
-30 ~ +125
ºC
Storage Temperature
Tstg
-40 ~ +125
ºC
Junction Temperature
Tj
125
ºC
Electrical & Optical Characteristics (Ta = 25ºC)
Items
Symbol
Conditions
Min
Typ
Max
Unit
Light Current
IL
Vce=20V, L=100Lux*
0.3
0.5
--
mA
Dark Current
ID
Vce=20V
--
--
100
nA
C-E Saturation Voltage
VCE(sat)
Ic=0.2mA, L=1000Lux*
--
0.2
0.4
V
Spectral Sensitivity
λ
--
--
400~1100
--
nm
Peak Sensitivity Wavelength
λp
--
--
880
--
nm
Switching time (Rise Time)
Tr
R=100Ω , Vcc=5V, Ic=1mA
--
10
--
μS
Switching time (Fall Time)
Tf
R=100Ω , Vcc=5V, Ic=1mA
--
10
--
μS
Half Intensity Beam Angle
θ
--
--
±18
--
deg
*Color Temperature = 2870ºK Standard Tungsten Lamp


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn