Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD3010PN Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTD3010PN
Description  Narrow Angular Response
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTD3010PN Datasheet(HTML) 2 Page - Marktech Corporate

  MTD3010PN Datasheet HTML 1Page - Marktech Corporate MTD3010PN Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.marktechopto.com
800.984.5337
MTD3010PN
Graphs:
Electrical & Optical Characteristics (Ta = 25ºC)
Items
Symbol
Conditions
Min
Typ
Max
Unit
Open Circuit Voltage
Voc
Ee=5mW/cm2
0.35
--
--
V
Light Current
IL
Vr=10V, Ee=5mW/cm2 --
100
--
μA
Dark Current
ID
Vr=10V
--
--
10
nA
Curve Factor
CF
Ee=5mW/cm2
0.55
--
--
--
Spectral Sensitivity
λ
--
--
400~1100
--
nm
Peak Sensitivity Wavelength
λp
--
--
900
--
nm
Responsivity
Rt
Vr=0Vλ =450mm
--
0.18
--
A/W
Responsivity
Rt
Vr=0Vλ =900mm
--
0.58
--
A/W
Angular Response
θ
--
--
±8
--
deg.
Junction Capacitance
Cj
1MHz, V=0V
--
60
100
pF
*Color Temperature=2870ºK Standard Tungsten Lamp


Similar Part No. - MTD3010PN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3010PM MARKTECH-MTD3010PM Datasheet
170Kb / 2P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM Datasheet
151Kb / 1P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM Datasheet
589Kb / 3P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM_11 Datasheet
589Kb / 3P
   Peak Sensitivity Wavelength: 900nm
MTD3010PM MARKTECH-MTD3010PM_15 Datasheet
589Kb / 3P
   Photo Diode
More results

Similar Description - MTD3010PN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
PT060PP MARKTECH-PT060PP Datasheet
61Kb / 1P
   Narrow Angular Response
logo
Roithner LaserTechnik G...
EPD-740-5 ROITHNER-EPD-740-5 Datasheet
42Kb / 1P
   Narrow response range
logo
STMicroelectronics
LIS1R02 STMICROELECTRONICS-LIS1R02 Datasheet
81Kb / 11P
   ANGULAR ACCELEROMETER
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
logo
IC-Haus GmbH
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
logo
Standex Electronics, In...
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
   Angular Position Sensor
Rev ACA
MFM7-APS360-LACD4 STANDEX-MFM7-APS360-LACD4 Datasheet
752Kb / 3P
   Angular Position Sensor
Rev ADB
MFM7-APS090-LACD4 STANDEX-MFM7-APS090-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
logo
Littelfuse
55250 LITTELFUSE-55250 Datasheet
2Mb / 2P
   55250 Angular Displacement Sensor
logo
Analog Devices
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com