Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB540 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SB540
Description  5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB540 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SB540 Datasheet HTML 1Page - Cystech Electonics Corp. SB540 Datasheet HTML 2Page - Cystech Electonics Corp. SB540 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C762LD
Issued Date : 2009.05.15
Revised Date :
Page No. : 1/3
SB520 thru SB560
CYStek Product Specification
5.0Amp Schottky Barrier Rectifiers
Reverse Voltage 20V to 60V
Forward Current 5A
SB520 thru SB560
Features
Outline
• Guard ring for over voltage protection.
DO-201AD
• Plastic package has UL flammability classification 94V-0
• Low power loss, high efficiency
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Mechanical Data
• Case : JEDEC DO-201AD molded plastic body
• Epoxy : UL94V-0 rate flame retardant
• Terminals: Plated axial leads, solderable per MIL-STD-750 method
2026. High temperature soldering guaranteed: 250°C/10seconds, 0.375”(9.5mm) lead length, 5lbs(2.3kg)
tension
• Polarity: Color band denotes cathode end.
• Mounting Position : Any.
• Weight: 0.041 oz., 1.15 gram
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%)
Type
Parameter
Symbol
SB520 SB530 SB540 SB550 SB560
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum instantaneous forward voltage at 5A
1
VF
0.55
0.67
V
Maximum average forward rectified current @
0.375”(9.5mm) lead length (see Fig 1)
IF(AV)
5
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method) at rated TL
IFSM
150
A
TA=25°C
0.5
Maximum DC reverse current at
rated DC blocking voltage
1
TA=100°C
IR
50
25
mA
RθJA
25
Typical thermal resistance
2
RθJL
8
/W
Operating junction temperature range
TJ
-55 ~ +125
-55 ~ +150
Storage temperature range
TSTG
-55 ~ +150
Note: 1.Pulse test: pulse width≤300μs, duty cycle≤1%
2.Thermal resistance, junction to lead, vertical PCB mounted, 0.375”(9.5mm) lead length


Similar Part No. - SB540

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB540 DIOTEC-SB540 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SB540 PANJIT-SB540 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Won-Top Electronics
SB540 WTE-SB540 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
SB540 YFWDIODE-SB540 Datasheet
74Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Gulf Semiconductor
SB540 GULFSEMI-SB540 Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
More results

Similar Description - SB540

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SB120 CYSTEKEC-SB120 Datasheet
219Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
logo
AiT Semiconductor Inc.
MBR220F AITSEMI-MBR220F Datasheet
476Kb / 6P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR240F AITSEMI-MBR240F Datasheet
476Kb / 6P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR320F AITSEMI-MBR320F Datasheet
483Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com