Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB120 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SB120
Description  Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB120 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SB120 Datasheet HTML 1Page - Cystech Electonics Corp. SB120 Datasheet HTML 2Page - Cystech Electonics Corp. SB120 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C474LB
Issued Date : 2009.08.13
Revised Date :
Page No. : 3/3
SB120 thru SB160
CYStek Product Specification
DO-204AL(DO-41) Dimension
DO-204AL(DO-41) Molded Plastic Package
CYStek Package Code: LB
DIM
Inches
Millimeters
Inches
Millimeters
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
ϕ0.0280 ϕ0.0339
ϕ0.71
ϕ0.86
D
1.0000
-
25.40
-
B
1.0000
-
25.40
-
E
ϕ0.0787 ϕ0.1063
ϕ2.00
ϕ2.70
C
0.1654
0.2047
4.20
5.20
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Axial leads, solderable per MIL-STD-202, Method 208 guaranteed.
• Mold Compound : Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
SAMYANG ELECTRONICS CO....
SB120 SAMYANG-SB120 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
SB120 VISHAY-SB120 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Unisonic Technologies
SB120 UTC-SB120 Datasheet
119Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SB520 CYSTEKEC-SB520 Datasheet
343Kb / 3P
   5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
First Silicon Co., Ltd
1N5817 FS-1N5817 Datasheet
764Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 20V~40V, Forward Current 1.0 Ampere
logo
Gaomi Xinghe Electronic...
10SQ045 GXELECTRONICS-10SQ045 Datasheet
374Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE -30 to 100Volts FORWARD CURRENT -10.0 Amperes
logo
First Silicon Co., Ltd
SS12F FS-SS12F Datasheet
306Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com