Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL5209-5.0M3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # PL5209-5.0M3
Description  Low Dropout CMOS Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL5209-5.0M3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL5209-5.0M3 Datasheet HTML 1Page - Cystech Electonics Corp. PL5209-5.0M3 Datasheet HTML 2Page - Cystech Electonics Corp. PL5209-5.0M3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C529M3
Issued Date : 2003.05.08
Revised Date :
. .
Page No. : 3/3
PL5209M3
CYStek Product Specification
SOT-89 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0583
0.0598
1.48
1.527
B
0.1594
0.1673
4.05
4.25
G
0.1165
0.1197
2.96
3.04
C
0.0591
0.0663
1.50
1.70
H
0.0551
0.0630
1.40
1.60
D
0.0945
0.1024
2.40
2.60
I
0.0138
0.0161
0.35
0.41
E
0.01417 0.0201
0.36
0.51
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
E
F
G
C
B
A
I
D
H
3
2
1
Marking:
1114
Style: Pin 1. Vss 2. Vin 3. Vout


Similar Part No. - PL5209-5.0M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL5209-5.0L3 CYSTEKEC-PL5209-5.0L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
More results

Similar Description - PL5209-5.0M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com