Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17085BETL+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17085BETL+
Description  Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17085BETL+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17085BETL+ Datasheet HTML 1Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX17085BETL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Integrated Charger, Dual Main Step-Down
Controllers, and Dual LDO Regulators
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO5, LDO3, OUT5, OUT3, and REF, VCC = 5V, ON3 = ON5 = VCC, VDCIN = VLXC = VCSSP = VCSSN
= 19V, VBSTC - VLXC = 5V, VBATT = VCSIP = VCSIN = 12.6V, VVCTL = VISET = 1.8V, CELLS = open, TA = 0°C to +85°C, unless oth-
erwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Undervoltage-Lockout
Trip Point for Charger
VDCIN(UVLO)
VDCIN falling
7.0
7.2
V
VDCIN rising
7.7
7.9
DCIN POR Threshold
VDCIN(POR) Falling edge of DCIN
2.0
V
VCC Undervoltage Lockout
Threshold
VCC(UVLO)
Falling edge of VCC, PWM disabled below
this threshold
3.8
4.0
4.3
V
Rising edge of VCC
4.2
VCC POR Threshold
Falling edge of VCC
1.5
V
LINEAR REGULATORS
LDO_ Output-Voltage Accuracy
VLDO5
DCIN = 6V to 24V, ON5 = ON3 = GND
0mA < ILDO5 < 100mA, ON5 = GND
4.90
5.00
5.10
V
VLDO3
LDO5 = 5V, ILDO5 = 0
0mA < ILDO3 < 50mA, ON3 = GND
3.23
3.30
3.37
Internal LDO Voltage After
Switchover
VLDO5
Not production tested
4.4
4.5
4.6
V
VLDO3
Not production tested
2.7
2.8
2.9
LDO3 Short-Circuit Current
LDO3 = GND
50
130
mA
LDO5 Short-Circuit Current
LDO5 = GND
100
260
mA
LDO5 Bootstrap Switch
Resistance
LDO5 to OUT5, VOUT5 = 5V, ILDO5 = 50mA
1.0
2.5
I
LDO3 Bootstrap Switch
Resistance
LDO3 to OUT3, VOUT3 = 3.3V,
ILDO3 = 50mA
1.5
3
I
Thermal-Shutdown Threshold
tSHDN
Hysteresis = 50NC
+160
N
C
REFERENCE
REF Output Voltage
VREF
IREF = 50FA
2.09
2.10
2.11
V
REF Undervoltage-Lockout
Threshold
VREF_UVLO REF falling
2.0
V
MAIN SMPS
OUT5 Output Voltage Accuracy
VOUT5
IN = 6V to 28V, SKIP = REF
5.033
5.083
5.135
V
OUT3 Output Voltage Accuracy
VOUT3
IN = 6V to 28V, SKIP = REF
3.267
3.300
3.333
V
Load Regulation Error
Either SMPS, SKIP = 2V, ILOAD = 0 to 5A
-0.1
%
Either SMPS, SKIP = GND, ILOAD = 0 to 5A
-1.7
Either SMPS, SKIP = VCC, ILOAD = 0 to 5A
-1.5
Line Regulation Error
Either SMPS, IN = 6V to 28V
0.005
%/V
DH5 On-Time
tON5
IN = 12V,
VOUT5 = 5.0V (Note 3)
RTON = 549kI
(300kHz + 10%)
1073
1263
1452
ns
RTON = 202kI
(800kHz + 10%)
402
473
545


Similar Part No. - MAX17085BETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
More results

Similar Description - MAX17085BETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085GTL MAXIM-MAX17085GTL Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401_09 Datasheet
829Kb / 22P
   DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
   Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com