Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17085B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17085B
Description  Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17085B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17085B Datasheet HTML 1Page - Maxim Integrated Products MAX17085B Datasheet HTML 2Page - Maxim Integrated Products MAX17085B Datasheet HTML 3Page - Maxim Integrated Products MAX17085B Datasheet HTML 4Page - Maxim Integrated Products MAX17085B Datasheet HTML 5Page - Maxim Integrated Products MAX17085B Datasheet HTML 6Page - Maxim Integrated Products MAX17085B Datasheet HTML 7Page - Maxim Integrated Products MAX17085B Datasheet HTML 8Page - Maxim Integrated Products MAX17085B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Integrated Charger, Dual Main Step-Down
Controllers, and Dual LDO Regulators
_______________________________________________________________________________________ 5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO5, LDO3, OUT5, OUT3, and REF, VCC = 5V, ON3 = ON5 = VCC, VDCIN = VLXC = VCSSP = VCSSN
= 19V, VBSTC - VLXC = 5V, VBATT = VCSIP = VCSIN = 12.6V, VVCTL = VISET = 1.8V, CELLS = open, TA = 0°C to +85°C, unless oth-
erwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAIN SMPS INPUTS AND OUTPUTS
SKIP Threshold Voltage
VSKIP
High = SKIP
2.3
VCC
V
Mid = PWM
1.5
1.9
Low = ultrasonic
0
0.8
SKIP Leakage Current
VSKIP = 0 or 5V, TA = +25°C
-2
+2
F
A
ON_ Input Logic Levels
High (SMPS on)
2.4
V
Low (SMPS off)
0.8
ON_ Leakage Current
VON3 = VON5 = 0 or 5V, TA = +25°C
-2
+2
F
A
OUT_ Discharge-Mode
On-Resistance
RDSCHG
ON_ = GND
7.5
20
50
I
SMPS GATE DRIVERS
DH3, DH5 Gate Driver
On-Resistance
RDH3, RDH5
BST3 - LX3 and BST5 - LX5 forced to 5V;
high state
1.6
3.8
I
BST3 - LX3 and BST5 - LX5 forced to 5V; low
state
1.6
3.8
DL3, DL5 Gate Driver
On-Resistance
RDL3, RDL5
DL3, DL5; high state
1.5
3.5
I
DL3, DL5; low state
0.6
1.5
DH3, DH5 Gate Driver Source/
Sink Current
IDH
DH3, DH5 forced to 2.5V,
BST3 - LX3 and BST5 - LX5 forced to 5V
2
A
DL3, DL5 Gate Driver
Source Current
IDL(SOURCE) DL3, DL5 forced to 2.5V
1.7
A
DL3, DL5 Gate Driver
Sink Current
IDL(SINK)
DL3, DL5 forced to 2.5V
3.3
A
DHC Gate Driver On-
Resistance
RDHC
High state, IDHC = 10mA
1.5
3
I
Low state, IDHC = -10mA
0.8
2.1
DLC Gate Driver
On-Resistance
RDLC
High state, IDLC = 10mA
3
6
I
Low state, IDLC = -10mA
3
6
Internal BST_ Switch
On-Resistance
RBST
IBST_ = 10mA, VDD = 5V
5
I
BST_ Leakage Current
IBST
VBST_ = 24V, OUT3 and OUT5 above
regulation threshold, TA = +25
°C
2
20
F
A
CHARGER SMPS
DHC Off-Time K Factor
VDCIN = 19V, VBATT = 10V
30
35
40
ns/V
Sense Voltage for Minimum
Discontinuous Mode Ripple
Current
VCSIP - VCSIN
5
mV
Zero Crossing Comparator
Threshold
VCSIP - VCSIN
10
mV
Cycle-by-Cycle Current- Limit
Sense Voltage
VCSIP - VCSIN
120
125
130
mV


Similar Part No. - MAX17085B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
More results

Similar Description - MAX17085B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085GTL MAXIM-MAX17085GTL Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401_09 Datasheet
829Kb / 22P
   DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
   Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com