Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCPHC1510AG1-XXX Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC1510AG1-XXX
Description  PIN HEADERS SINGLE ROW STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC1510AG1-XXX Datasheet(HTML) 1 Page - Dubilier

  DBCPHC1510AG1-XXX Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
170
SPECIFICATION
Industry compatible
Competitively priced
Various plated contacts available
2.54mm pitch
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
1000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
PIN HEADERS
SINGLE ROW STRAIGHT
OUTLINE DRAWING
ORDERING INFORMATION
2.54
A
B
2.54
2.54
0.64
E
G
F
E
F
mm
G
mm
mm
2.54
A
B
2.54
2.54
0.64
E
G
F
E
F
mm
G
mm
mm
2.54
A
B
2.54
2.54
0.64
E
G
F
E
F
mm
G
mm
mm
DBC
PH
C15
04
Dubilier
Connectors
PinHeader
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
T=TinPlated
otherplating
Available
Colour
1=Black
G
ContactMaterial
A=Brass
A
1
NºofWays
A = 2.54 x N° of Positions
B = (2.54 x N° of Positions)-1
Forotherdimensionvariationspleaseconsultoffice
6
3
11.54
02=02way
Throto
40=40way
UniqueSpecial
Code
*SeeBelow
-XXX
*Dubilier will allocate a special code to
distinguish pin lengths if required


Similar Part No. - DBCPHC1510AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC1002AG1 DUBILIER-DBCPHC1002AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1020AG1 DUBILIER-DBCPHC1020AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1030AG1 DUBILIER-DBCPHC1030AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1040AG1 DUBILIER-DBCPHC1040AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
More results

Similar Description - DBCPHC1510AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC2332AG1-XXX DUBILIER-DBCPHC2332AG1-XXX Datasheet
149Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT
DBCPHC2707AG1-XXX DUBILIER-DBCPHC2707AG1-XXX Datasheet
100Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 2.00mm
DBCPHC0910AG1 DUBILIER-DBCPHC0910AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC4504AG1-XXX DUBILIER-DBCPHC4504AG1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC3410AG1 DUBILIER-DBCPHC3410AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC1704AG1-XXX DUBILIER-DBCPHC1704AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT
DBCPHC2109AG1-XXX DUBILIER-DBCPHC2109AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS TRIPLE ROW STRAIGHT
DBCPHC1104AG1-XXX DUBILIER-DBCPHC1104AG1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC2904AG1-XXX DUBILIER-DBCPHC2904AG1-XXX Datasheet
112Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 2.00mm
logo
Tyco Electronics
281695-4 MACOM-281695-4 Datasheet
121Kb / 1P
   HEADERS HE14, SINGLE ROW, STRAIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com