Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSOD140 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # CSOD140
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD140 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CSOD140 Datasheet HTML 1Page - Cystech Electonics Corp. CSOD140 Datasheet HTML 2Page - Cystech Electonics Corp. CSOD140 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C338SF
Issued Date : 2003.06.16
Revised Date :
Page No. : 3/3
CSOD120-1100SF
CYStek Product Specification
SOD-123 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.146
0.161
3.7
4.1
E
0.055
0.063
1.4
1.6
B
0.055
0.071
1.4
1.8
F
0.035(typ)
0.9(typ)
C
0.012(typ)
0.3(typ)
G
0.035(typ)
0.9(typ)
D
0.094
0.110
2.4
2.8
-
-
-
-
-
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
B
A
C
D
E
F
G
SOD-123 Plastic Surface
Mounted Package
CYStek Package Code: SF
Marking Code:
Device CSOD
120
CSOD
130
CSOD
140
CSOD
150
Code
12
13
14
15
Device CSOD
160
CSOD
180
CSOD
1100
Code
16
18
10


Similar Part No. - CSOD140

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSOD140BSH CYSTEKEC-CSOD140BSH Datasheet
384Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD140BSH-0-T1-G CYSTEKEC-CSOD140BSH-0-T1-G Datasheet
384Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD140SH CYSTEKEC-CSOD140SH Datasheet
196Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSOD140

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD140SH CYSTEKEC-CSOD140SH Datasheet
196Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5817S2 CYSTEKEC-CSOD5817S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com