Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DBCIDCC7S30BGA1 Datasheet(PDF) 1 Page - Dubilier

Part No. DBCIDCC7S30BGA1
Description  IDC BOX HEADER SMT 1.27mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DUBILIER [Dubilier]
Homepage  http://www.dubilier.co.uk
Logo 

DBCIDCC7S30BGA1 Datasheet(HTML) 1 Page - Dubilier

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
347
Material & Finish
Contact Material:
PhosphorBronze
Insulator Material:
Nylon6T,glassreinforced,ratedUL94V-0
Current Rating:
1Amp
Contact Resistance:
30MΩMax.
Insulator Resistance:
1000MΩMin.
Dielectric Withstanding
Voltage:
250VACforOneMinute
Operating Temperature:
-40°Cto+105°C
Position
A
B
C
10
13.95
11.75
5.08
14
16.49
14.29
7.62
16
17.76
15.36
8.89
20
20.30
17.90
11.43
26
24.11
21.71
15.24
30
26.65
24.25
17.78
34
29.19
26.79
20.32
40
33.00
30.60
24.13
50
39.35
36.95
30.48
60
45.70
43.30
36.83
68
50.78
48.38
41.91
70
52.05
49.65
43.18
80
58.40
56.00
49.53
90
64.75
62.35
55.88
100
71.10
68.70
62.33
IDC
BOX HEADER SMT 1.27mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
1.27mm pitch
2.54mm row spacing
DBC
IDC
C7S
30
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
*=OtherPlating
available
10=10way
14=14way
16=16way
20=20way
26=26way
30=30way
34=34way
40=40way
50=50way
60=60way
68=68way
70=70way
80=80way
90=90way
100=100way
ContactMaterial
B=Phosphor
Bronze
B
G
NºofWays
SPECIFICATION
Colour
1=Black
1
Features
A=WithLocking
Peg
B=Without
LockingPeg
A
4.1
2.54
8.1
A
B
C
6.3
Ø1.0
1.0
1.27
4.1
0.4*0.4
5.6
9.8
7.1
11.0
Recommended P.C.B Layout
0.75
Ø1.2
1.27
0.635
3.5
5.5
RO
DUC
NEW


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn