Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCB27AD30BS1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCB27AD30BS1
Description  FEMALE HEADER FEMALE HEADER SMT - 5.0MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCB27AD30BS1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCB27AD30BS1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
207
FEMALE HEADER
FEMALE HEADER SMT - 5.0MM
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Insulator:
Nylon 6T, glass reinforced, rated UL 94V-0
Contact:
Phosphor Bronze
Electrical Characteristics
Rating Current:
1 Amp DC
Contact Resistance:
30 mΩ
Insulation Resistance:
3000 MΩ min.
Dielectric Voltage:
500v AC for 1 minute
Operating Temperature: -40°C to +105°C
* Mating suggestion: C17, C18 series.
Industry compatible
Competitively priced
No. of contacts 2 - 80
Gold plating contacts
2.54mm pitch
DBC
D
B
S
Dubilier
Connectors
IDC
IDCConnector
B27B
Series
20
No.ofContacts
02=2way
Throto
40=40way
No.ofRows
D=DualRow
ContactMaterial
B=Phosphor
Bronze
ContactPlating
S=Selective
Gold
Colour
1=Black
1
0.5+2.54*POSITION NO.
2.54*(POSITION NO.-1)
2.54
5.0
5.0
0.6
2.54
5.1
7.0


Similar Part No. - DBCIDCB27AD30BS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
More results

Similar Description - DBCIDCB27AD30BS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 7.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 6.4MM
logo
DB Lectro Inc
B27A DBLECTRO-B27A Datasheet
281Kb / 1P
   FEMALE HEADER SINGLE ROW PROFILE : 5.0mm SMT TYPE
B27B DBLECTRO-B27B Datasheet
194Kb / 1P
   FEMALE HEADER DUAL ROW PROFILE : 5.0mm SMT TYPE
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
   FEMALE HEADER PROFILE : 5.0mm STRAIGHT
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-TR ADAM-TECH-HFH-XX-SG-SMT-TR Datasheet
122Kb / 1P
   FEMALE HEADER SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com