Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDC264AS2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDC264AS2
Description  IDC IDC CABLE SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDC264AS2 Datasheet(HTML) 1 Page - Dubilier

  DBCIDC264AS2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
318
IDC
IDC CABLE SOCKET
SPECIFICATION
ORDERING INFORMATION
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL-94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMax
Insulator Resistance:
3000MΩMin
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
DBC
IDC
2
06
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
S=SelectiveGold
Colour
1=Black
2=Grey
06=6way
08=8way
10=10way
12=12way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
36=36way
40=40way
44=44way
50=50way
56=56way
60=60way
62=62way
64=64way
S
ContactMaterial
A=Brass
A
1
NºofWays
Position
A
B
6
12.18
5.08
8
14.72
7.62
10
17.26
10.16
12
19.80
12.70
14
22.34
15.24
16
24.88
17.78
20
29.96
22.86
24
35.04
27.94
26
37.58
30.48
30
42.66
35.56
34
47.74
40.64
36
50.28
43.18
40
55.36
48.26
44
60.44
53.34
50
68.06
60.96
56
75.68
68.58
60
80.76
73.66
62
83.30
76.20
64
85.84
78.74
Industry Compatible
Competitively Priced
Complete with Strain Relief and Centre Bump
Gold Plated Contacts
2.54mm Pitch
10.65
13.4
10.65
13.4
10.65
13.4
10.65
13.4
10.65
13.4
10.65
13.4
10.65
13.4
OUTLINE DRAWING


Similar Part No. - DBCIDC264AS2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC264 DUBILIER-DBCIDC264 Datasheet
216Kb / 1P
   IDC IDC CABLE SOCKET
More results

Similar Description - DBCIDC264AS2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
   IDC IDC CABLE SOCKET
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG ADAM-TECH-FCS-XX-SG Datasheet
96Kb / 1P
   FLAT CABLE IDC SOCKET
logo
Samtec, Inc
HCSD-05-01-N SAMTEC-HCSD-05-01-N Datasheet
231Kb / 2P
   IDC SOCKET & TERMINAL CABLE
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
   IDC Ribbon Cable Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com