Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIC42TP6 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIC42TP6
Description  IC SOCKETS TURNED - PIN CONTACT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIC42TP6 Datasheet(HTML) 1 Page - Dubilier

  DBCIC42TP6 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
314
OUTLINE DRAWING
.100
(2,54)
TYP.
B
B
ø.035
(0.89)
P.C.B. Hole Layout
Tolerance ±.002(0.05)
C
Number of windows
varies with number of contacts
.100(2.54)
ø.020
(0.51)
B
A
.180(4.57)Max.
.125(3.18)
.210(5.33)Max
.105(2.67)Max
Material
Insulator:
Thermoplastic polyester, UL rated 94V-0
Sleeve:
Machined brass
Contact:
Beryllium copper
Sleeve Plating:
Tin
Contact Plating:
Gold flash
Electrical
Contact Resistance:10 mΩ max.
Contact Rating:
3 A
Capacitance:
1pF per MIL-STD-202, Method 305
Insulation Resistance:5,000 MΩ min. @ 500 VDC per
MIL-STD-1344, Method 3003.1
Dielectric Withstanding
Voltage:
1,000 Volts rms per MIL-STD-1344,
Method 3001.1
Environmental
Humidity:
Passed MIL-STD-1344, Method 1002.2, Cond. II
Thermal Shock:
Passed MIL-STD-1344, Method 1003.1 Cond. A
Operation
temperature:
-55°C to +105°C
Mechanical
Vibration:
Passed MIL-STD-1344, Method 2005.1,
Condition II, 10 G's
Shock:
Passed MIL-STD-1334, Method 2004.1,
Condition C, 100 G's
Durability:
Passed MIL-STD-1344, Method 2016
Normal Force:
125 Grams (4.4 oz.) average with .018" (0,46) dia.
polished steel pin (Premium Series)
200 Grams (7.1 oz.) average with .018" (0,46) dia.
polished steel pin (Economy Series)
Inner Contact
Retention:
7.5 Lbs. per line average
Sleeve Retention:
3.0Lbs. per line minimum
Solderability:
Passed MIL-STD-202F, Method 208
Insertion Force:
- 179 grams (6.3 oz.) average with a
.018" (0,46) dia. polished steel pin
Withdrawal Force: 63 Grams (2.2 oz.) average with a
(Premium and Economy) .018" (0,46) dia. polished steel pin
IC SOCKETS
TURNED - PIN CONTACT
SPECIFICATION
ORDERING INFORMATION
Available in 0.3", 0.6" & 0.9" pitch
DBC
IC
32
Dubilier
Connectors
Series
IC
No. of Ways
Type of Contact
TP=Turn Pin
TP
6
Pitch
Blank=0.3”
Pitch
*6=0.6” Pitch
**9=0.9”Pitch
.100
(2,54)
TYP.
B
B
ø.035
(0.89)
P.C.B. Hole Layout
Tolerance ±.002(0.05)
C
Number of windows
varies with number of contacts
.100(2.54)
ø.020
(0.51)
B
A
.180(4.57)Max.
.125(3.18)
.210(5.33)Max
.105(2.67)Max
.100
(2,54)
TYP.
B
B
ø.035
(0.89)
P.C.B. Hole Layout
Tolerance ±.002(0.05)
C
Number of windows
varies with number of contacts
.100(2.54)
ø.020
(0.51)
B
A
.180(4.57)Max.
.125(3.18)
.210(5.33)Max
.105(2.67)Max
Open frame style
Very competitively priced
Flame retardant
Low profile
Gold plated turned pin
contacts
No. of
A
B
C
Contacts
8
.400
14
.700
16
.800
.300
.400
18
.900
20
1.00
24
1.20
24
1.20
28
1.40
32
1.60
36
1.80
.600
.700
40
2.00
42
2.10
48
2.40
64
3.20
.900
1.00
Application Dimensions:
PCB Thickness Range: Standard .062 "
and .092" (1,57 and 2,34).
PCB Hole Size Range: .035" ± .002"
(0,89 ± 0,05) PC tail,.005" ± .003" (1,40 ±
0,08) solderless wrap.
IC Pin Dimension Range: .009" x .015"
(0,23 x 0,38) through.001" x .020" (0,28
x 0,51)
.016" to .021" (0,41 to 0,53) round lead
.105" (2,67) min. length.
06=6way
08=8way
14=14way
16=16way
18=18way
20=20way
24=24way
*24=24way
*24=24way
*28=28way
*32=32way
*36=36way
*40=40way
*42=42way
*48=48way
**64=64way


Similar Part No. - DBCIC42TP6

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIC42TP6 DUBILIER-DBCIC42TP6 Datasheet
216Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
More results

Similar Description - DBCIC42TP6

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
logo
Omron Electronics LLC
XR2 OMRON-XR2 Datasheet
1Mb / 14P
   IC Sockets
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
   IC SOCKETS PLCC
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW SOCKETS
logo
PHOENIX CONTACT
1663352 PHOENIX-1663352 Datasheet
98Kb / 4P
   Turned 1.6 crimp contact, individual male contact
logo
Assmann Electronics Inc...
AR18-HGL-TT-R ASSMANN-AR18-HGL-TT-R Datasheet
333Kb / 1P
   IC-Socket, 18 Pin, Machined Contact
AR28-HGL-TT-R ASSMANN-AR28-HGL-TT-R Datasheet
327Kb / 1P
   IC-Socket, 28 Pin, Machined Contact
AR14-HGL-TT-R ASSMANN-AR14-HGL-TT-R Datasheet
333Kb / 1P
   IC-Socket, 14 Pin, Machined Contact
AR06-HGL-TT-R ASSMANN-AR06-HGL-TT-R Datasheet
343Kb / 1P
   IC-Socket, 6 Pin, Machined Contact
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com