Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLOU1002A Datasheet(PDF) 7 Page - Marktech Corporate

Part # TLOU1002A
Description  TOSHIBA LED Lamps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLOU1002A Datasheet(HTML) 7 Page - Marktech Corporate

Back Button TLOU1002A Datasheet HTML 3Page - Marktech Corporate TLOU1002A Datasheet HTML 4Page - Marktech Corporate TLOU1002A Datasheet HTML 5Page - Marktech Corporate TLOU1002A Datasheet HTML 6Page - Marktech Corporate TLOU1002A Datasheet HTML 7Page - Marktech Corporate TLOU1002A Datasheet HTML 8Page - Marktech Corporate TLOU1002A Datasheet HTML 9Page - Marktech Corporate TLOU1002A Datasheet HTML 10Page - Marktech Corporate TLOU1002A Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2006-06-13
7
TLAU1002A
0.1
10
3
80
60
100
1
0.3
20
5
0.5
−20
0
40
IF = 20 mA
Ta
= 25°C
0
580
0.4
1.0
0.8
660
620
600
560
540
640
0.6
0.2
Forward voltage VF (V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
1
50
3
5
10
30
100
Ta
= 25°C
1
100
30
2.3
2.1
2.0
1.7
2.2
10
3
1.8
50
5
1.9
100
50
30
10
3
5
1
(typ.)
(typ.)
(typ.)
(typ.)


Similar Part No. - TLOU1002A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU1002A TOSHIBA-TLOU1002A Datasheet
582Kb / 19P
   LED LAMP PANEL CIRCUIT INDICATOR
TLOU1002A TOSHIBA-TLOU1002A Datasheet
324Kb / 17P
   Panel Circuit Indicator
TLOU1002A TOSHIBA-TLOU1002A Datasheet
270Kb / 17P
   Panel Circuit Indicator
TLOU1002A TOSHIBA-TLOU1002A Datasheet
270Kb / 17P
   TLOU1002AT02
TLOU1002AT02 TOSHIBA-TLOU1002AT02 Datasheet
270Kb / 17P
   TLOU1002AT02
More results

Similar Description - TLOU1002A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com