Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3027 Datasheet(PDF) 3 Page - UNISEM

Part # US3027
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3027 Datasheet(HTML) 3 Page - UNISEM

  US3027 Datasheet HTML 1Page - UNISEM US3027 Datasheet HTML 2Page - UNISEM US3027 Datasheet HTML 3Page - UNISEM US3027 Datasheet HTML 4Page - UNISEM US3027 Datasheet HTML 5Page - UNISEM US3027 Datasheet HTML 6Page - UNISEM US3027 Datasheet HTML 7Page - UNISEM US3027 Datasheet HTML 8Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
US3027
4-3
Rev. 1.3
12/8/00
Error Comparator Section
Input bias current
2
uA
Input Offset Voltage
-2
+2
mV
Delay to Output
Vdiff=10mV
100
nS
Current Limit Section
C.S Threshold Set Current
200
uA
C.S Comp Offset Voltage
-5
+5
mV
Hiccup Duty Cycle
Css=0.1 uF
10
%
Output Drivers Section
Rise Time
CL=3000pF
70
nS
Fall Time
CL=3000pF
70
nS
Dead band Time Between
High side and Synch Drive
(Vcore Switcher Only)
CL=3000pF
200
nS
Oscillator Section (internal)
Osc Frequency
Rt=Open
217
Khz
1.8V Regulator (Vsen 4)
Vsense Voltage
Vo4
Ta=25, Drive4 = Vsen4
1.800
V
Vsense Voltage
1.800
V
Input bias current
2
uA
Output Drive Current
Vaux-Vdrive>0.6V
50
mA
1.5V Regulator (Vsen 3)
Vsense Voltage
Vo3
Ta=25, Drive3 = Vsen3
1.500
V
Vsense Voltage
1.500
V
Input bias current
2
uA
Output Drive Current
Vaux-Vdrive>0.6V
50
mA
Power Good Section
Vsen1 UV lower trip point
Vsen1 ramping down
0.90Vs
V
Vsen1 UV upper trip point
Vsen1 ramping up
0.92Vs
V
Vsen1 UV Hysterises
.02Vs
V
Vsen1 HV upper trip point
Vsen1 ramping up
1.10Vs
V
Vsen1 HV lower trip point
Vsen1 ramping down
1.08Vs
V
Vsen1 HV Hysterises
.02Vs
V
Vsen2 trip point
Select<0.8V
1.100
V
Select>2V
2.560
V
Vsen4 trip point
Fix=GND
0.920
V
Fix=Open
1.320
V
Vsen3 trip point
Fix=GND
0.920
V
Fix=Open
1.140
V
Power Good Output LO
RL=3mA
0.4
V
Power Good Output HI
RL=5K pull up to 5V
4.8
V
Fault (Overvoltage) Section
Core O.V. upper trip point
Vsen1 ramping up
1.17Vs
V
Core O.V. lower trip point
Vsen1 ramping down
1.15Vs
V
FAULT Output HI
Io=3mA
10
V
Soft Start Section
Soft Start Current
OCset=0V , Phase=5V
20
uA


Similar Part No. - US3027

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021BCW UNISEM-US3021BCW Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021MCW UNISEM-US3021MCW Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
More results

Similar Description - US3027

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
International Rectifier
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com