Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCFG1QB125 Datasheet(PDF) 1 Page - Dubilier

Part # DBCFG1QB125
Description  FUSES 5x20mm GLASS FUSES - QUICK BLOW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCFG1QB125 Datasheet(HTML) 1 Page - Dubilier

  DBCFG1QB125 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
308
FUSES
5x20mm GLASS FUSES - QUICK BLOW
OUTLINE DRAWING
DBC
FG1QB
50
Dubilier
Connectors
Series
FG1QB=
FuseGlass
5x20mm
QuickBlow
50mA
63mA
80mA
100mA
125mA
160mA
200mA
250mA
315mA
400mA
500mA
630mA
800mA
1A
1.25A
1.6A
2A
2.5A
3.15A
4A
5A
6.3A
8A
10A
12.5A
Rating
Quick blow
Glass cartridge, nickel plated end caps
Break capacity 35A/250V or 10 x IN whichever is greater at above 3.5A
Approvals: SEMKO, VDE, UL, BSI
20±0.5
10±0.2
5.2±0.2
ORDERING INFORMATION
FUSES
5x20mm GLASS FUSES - TIME DELAY
OUTLINE DRAWING
Time delay
Glass cartridge, nickel plated end caps
Break capacity 35 A/250V or 10 x IN
Whichever is greater at above 3.5A
Approvals: SEMKO, VDE, UL, BSI
20±0.5
10±0.2
5.2±0.2
ORDERING INFORMATION
DBC
FG1TD
50
Dubilier
Connectors
Series
FG1TD=
FuseGlass
5x20mmTime
Delay
50mA
63mA
80mA
100mA
125mA
160mA
200mA
250mA
315mA
400mA
500mA
630mA
800mA
1A
1.25A
1.6A
2A
2.5A
3.15A
4A
5A
6.3A
8A
10A
12.5A
Rating


Similar Part No. - DBCFG1QB125

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFG1TD100 DUBILIER-DBCFG1TD100 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD125 DUBILIER-DBCFG1TD125 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD160 DUBILIER-DBCFG1TD160 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD200 DUBILIER-DBCFG1TD200 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD250 DUBILIER-DBCFG1TD250 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
More results

Similar Description - DBCFG1QB125

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG2QB100 DUBILIER-DBCFG2QB100 Datasheet
96Kb / 1P
   FUSES 1 x 1 GLASS FUSES - QUICK BLOW
DBCFG3TD1 DUBILIER-DBCFG3TD1 Datasheet
75Kb / 1P
   FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
DBCFG3QB1 DUBILIER-DBCFG3QB1 Datasheet
75Kb / 1P
   FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
   5x20mm glass fuses
logo
Dubilier
DBCFC2TD100 DUBILIER-DBCFC2TD100 Datasheet
94Kb / 1P
   FUSES 1 x CERAMIC FUSES - QUICK BLOW
DBCFG2TD100 DUBILIER-DBCFG2TD100 Datasheet
96Kb / 1P
   FUSES 1 1/4 x 1/4 GLASS FUSES - QUICK BLOW
logo
Littelfuse
197 LITTELFUSE-197 Datasheet
59Kb / 2P
   MINIATURE FUSES - 5x20mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com