Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCDPSH15GRN Datasheet(PDF) 1 Page - Dubilier

Part # DBCDPSH15GRN
Description  D TYPE CONNECTOR HOODS PLASTIC SCREW TOGETHER HOOD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDPSH15GRN Datasheet(HTML) 1 Page - Dubilier

  DBCDPSH15GRN Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
274
D TYPE CONNECTOR HOODS
PLASTIC SCREW TOGETHER HOOD
ORDERING INFORMATION
DBC
D
PSH
09
BLK
Dubilier
Connectors
DStyle
HoodStyle
PSH=Plastic
Screwtogether
PSH45=Plastic
Screwtogether
45˚
NºofWays
09=09ways
15=15ways
25=25ways
37=37ways
Colour
BLK=Black
RED=Red
BLU=Blue
GRN=Green
YEL=Yellow
9, 15, 25 & 37 way
Accommodates 3 - 13mm cable sizes
UL94-VO material
Black, Red, Blue, Green and Yellow available
45˚C Cable entry available
OUTLINE DRAWING
TOPENTRY
GrommetDimensions
NumberDiameter
1
4.0
2
5.0
3
7.0
4
10.0
WaysDIMA
DIMB
9
31.2
39.9
15
39.5
41.5
25
53.4
48.6
37
69.7
53.6
45˚ENTRY
WaysDIMA
DIMB
9
31.0
36.3
15
39.5
40.3
25
53.2
40.3
37
69.7
40.3
GrommetDimensions
NumberDiameter
1
4.0
2
5.0
3
7.0
4
10.0
11.8Ø
15


Similar Part No. - DBCDPSH15GRN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH09BLK DUBILIER-DBCDPH09BLK Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDPH09BLK DUBILIER-DBCDPH09BLK Datasheet
704Kb / 6P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDPH09BLK DUBILIER-DBCDPH09BLK_11 Datasheet
704Kb / 6P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDPH09BLU DUBILIER-DBCDPH09BLU Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDPH09BLU DUBILIER-DBCDPH09BLU Datasheet
704Kb / 6P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
More results

Similar Description - DBCDPSH15GRN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDMPH09 DUBILIER-DBCDMPH09 Datasheet
111Kb / 1P
   D TYPE CONNECTOR HOOD METALISED PLASTIC HOODS
DBCDPH09BLK DUBILIER-DBCDPH09BLK Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDPH09BLK DUBILIER-DBCDPH09BLK_11 Datasheet
704Kb / 6P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDMPHLC09 DUBILIER-DBCDMPHLC09 Datasheet
175Kb / 1P
   D TYPE CONNECTOR HOODS LOW COST METALISED PLASTIC HOOD
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
   D TYPE CONNECTOR HOODS DIECAST HOODS
DBCDEH1 DUBILIER-DBCDEH1 Datasheet
117Kb / 1P
   D TYPE CONNECTOR HOODS ETHERNET AND THINNERNET HOODS
logo
CONEC Elektronische Bau...
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
logo
Adam Technologies, Inc.
DXXX-HD-PB-SN-TS ADAM-TECH-DXXX-HD-PB-SN-TS Datasheet
66Kb / 1P
   D-SUB HOOD COLOR BLACK PLASTIC SNAP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com