Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCDINM16BABS3 Datasheet(PDF) 1 Page - Dubilier

Part # DBCDINM16BABS3
Description  DIN 41612 TYPE B - MALE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDINM16BABS3 Datasheet(HTML) 1 Page - Dubilier

  DBCDINM16BABS3 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
234
DIN 41612
TYPE B – MALE
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material
Insulator:
Glass filled polyester
(PBT, UL flammability 94V-0)
Contacts:
Female copper alloy, male brass
Contact finish:
Contact area: Gold over nickel (per requirements
of performance class 3, class 2)
Termination area: Tin - plated or Gold-plated for
long wrap post
Mechanical
Insertion force:
64 contacts max. 60N
32 contacts max. 30N
16 contacts max. 15N
Withdrawal force per contact: min 0.15N
Temperature range:
-55°C to +125°C
Air and creepage distance 1.2mm min.
Electrical
Current rating:
20°C 2A
70°C 1A
100°C 0.5A
Contact resistance:
≤20mΩ (testing current 100mA)
≤40mΩ after 400 mating cycles
Capacitance between
adjacent contacts:
Appr. 2pF
Insulation resistance: ≥1012
(between adjacent contacts at 100 VDC)
Test voltage:
1,000Vrms between contacts (2.54mm spacing)
1,550Vrms between contacts (5.08mm spacing)
1,550Vrms between contacts and body
Operating voltage:
250V AC
Agency approval
U/L Electric rating:
250V, 2A
Mating Cycles:
Class 2 = 400
Class 3 = 50
DBC
DIN
M
16
B
Dubilier
Connectors
Series
DIN 41612
Connector Type
M = Male
Nº of Ways
16=16 ways
32=32 ways
64=64 ways
Housing Style
B = B
Position of
Contacts
A = A row
AB = A+B rows
A1 = A even n°.
AB1=AB even n°.
Termination Style
S = Straight Solder
RA = Right Angled Solder
Quality Class
3 = class 3
2 = class 2
A1
S
3
16, 32 and 64 Contacts
2 Rows
Class 2 and 3
2.54mm(0.1”), 5.08mm(0.2” Half loaded) Pitch
High Reliability
UL Approved
PCB LAYOUT
b
a
b
a
b
a
b
a


Similar Part No. - DBCDINM16BABS3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDINM16BABS3 DUBILIER-DBCDINM16BABS3 Datasheet
455Kb / 2P
   DIN 41612 TYPE B - MALE
DBCDINM16BABS3 DUBILIER-DBCDINM16BABS3 Datasheet
672Kb / 2P
   DIN 41612 TYPE HALF B (HB) . MALE
More results

Similar Description - DBCDINM16BABS3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDINM16BA1S3 DUBILIER-DBCDINM16BA1S3_11 Datasheet
455Kb / 2P
   DIN 41612 TYPE B - MALE
DBCDINM16HBABS3 DUBILIER-DBCDINM16HBABS3_11 Datasheet
672Kb / 2P
   DIN 41612 TYPE HALF B (HB) . MALE
DBCDINM16HBABS3 DUBILIER-DBCDINM16HBABS3 Datasheet
372Kb / 1P
   DIN 41612 TYPE HALF B (HB) - MALE
DBCDINF16BA1S3 DUBILIER-DBCDINF16BA1S3 Datasheet
260Kb / 1P
   DIN 41612 TYPE B - FEMALE
DBCDINM96CABCS3 DUBILIER-DBCDINM96CABCS3 Datasheet
437Kb / 1P
   DIN 41612 TYPE C - MALE
logo
Adam Technologies, Inc.
DIN-64MR-L22-A1C1 ADAM-TECH-DIN-64MR-L22-A1C1 Datasheet
98Kb / 1P
   DIN 41612 CONNECTORS STANDARD TYPE B
logo
Dubilier
DBCDINM16QAS3 DUBILIER-DBCDINM16QAS3 Datasheet
407Kb / 1P
   DIN 41612 TYPE Q (REVERSED) - MALE
DBCDINM64RABS3 DUBILIER-DBCDINM64RABS3_11 Datasheet
654Kb / 2P
   DIN 41612 TYPE R (REVERSED) . MALE
DBCDINM64RABS3 DUBILIER-DBCDINM64RABS3 Datasheet
484Kb / 1P
   DIN 41612 TYPE R (REVERSED) - MALE
DBCDINF16HBABS3 DUBILIER-DBCDINF16HBABS3 Datasheet
341Kb / 1P
   DIN 41612 TYPE HALF B (HB) - FEMALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com